Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 18Page - Texas Instruments TUSB5052 Datasheet HTML 19Page - Texas Instruments TUSB5052 Datasheet HTML 20Page - Texas Instruments TUSB5052 Datasheet HTML 21Page - Texas Instruments TUSB5052 Datasheet HTML 22Page - Texas Instruments TUSB5052 Datasheet HTML 23Page - Texas Instruments TUSB5052 Datasheet HTML 24Page - Texas Instruments TUSB5052 Datasheet HTML 25Page - Texas Instruments TUSB5052 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
4−2
4.1
Miscellaneous Registers
4.1.1
ROMS: ROM Shadow Configuration Register
This register is used by the MCU to switch from boot mode to normal operation mode (boot mode is set on
power-on-reset only). In addition, this register provides the device revision number and the ROM/RAM configuration.
ROA
S1
S0
R3
R2
R1
R0
SDW
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
SDW
0
This bit enables/disables boot ROM. (Shadow the ROM)
SDW = 0
When clear, the MCU executes from the 6K boot-ROM space. The boot ROM appears in
two locations: 0000 and 8000h. The 16K RAM is mapped to XDATA space; therefore,
read/write operation is possible. This bit is set by the MCU after the RAM load is com-
pleted. MCU cannot clear this bit; it is cleared on power-up-reset or function-reset.
SDW = 1
When set by the MCU, the 6K boot-ROM maps to location 8000h, and the 16K RAM is
mapped to code space, starting at location 0000h. At this point, the MCU executes from
RAM, and the write operation is disabled (no write operation is possible in code space).
4−1
R[3:0]
No effect
These bits reflect the device revision number.
6−5
S[1:0]
No effect
Code space size. These bits define the ROM or RAM code-space size (ROA bit defines ROM or
RAM). These bits are permanently set and are not affected by reset (see Table 4−1).
00 = 4K bytes code space size
01 = 8K bytes code space size
10 = 16K bytes code space size
11 = 32K bytes code space size
7
ROA
No effect
ROM or RAM version. This bit indicates whether the code space is RAM or ROM based. This bit is
permanently set and is not affected by reset (see Table 4−1).
ROA = 0 Code space is ROM
ROA = 1 Code space is RAM
Table 4−1. ROM/RAM Size Definition Table
ROMS REGISTER
Boot-ROM
RAM CODE
ROM CODE
ROA
S1
S0
Boot-ROM
RAM CODE
ROM CODE
0
0
0
None
None
4K
0
0
1
None
None
8K
0
1
0
None
None
16K (reserved)
0
1
1
None
None
32K (reserved)
1
0
0
6K
4K
None
1
0
1
6K
8K
None
1
1
0
6K
16K
None
1
1
1
6K
32K (reserved)
None
4.1.2
Boot Operation (MCU Firmware Loading)
Since the code space is in RAM (with the exception of the boot ROM), the TUSB5052 firmware must be loaded from
an external source. Two sources are available for booting: one from an external serial EEPROM connected to the
I2C bus, and the other from the host via the USB. On device reset, the SDW bit (in ROMS register) and CONT bit
(in USBCTL: USB control register) are cleared. This configures the memory space to boot mode (see Memory-Map)
and keeps the device disconnected from the host. The first instruction is fetched from location 0000h (which is in the
6K-ROM). The 16K-RAM is mapped to XDATA space (location 0000h). The MCU executes a read from an external
EEPROM and tests whether it contains the code (by testing for boot signature). If it contains the code, the MCU reads
from EEPROM and writes to the 16K-RAM in XDATA space. If it does not contain the code, the MCU proceeds to
boot from the USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com