Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 12Page - Texas Instruments TUSB5052 Datasheet HTML 13Page - Texas Instruments TUSB5052 Datasheet HTML 14Page - Texas Instruments TUSB5052 Datasheet HTML 15Page - Texas Instruments TUSB5052 Datasheet HTML 16Page - Texas Instruments TUSB5052 Datasheet HTML 17Page - Texas Instruments TUSB5052 Datasheet HTML 18Page - Texas Instruments TUSB5052 Datasheet HTML 19Page - Texas Instruments TUSB5052 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
3−4
Table 3−2. Internal/External Microcontroller Signal Definitions
EXTEN = 1; INTERNAL MICROCONTROLLER
EXTEN = 0; EXTERNAL MICROCONTROLLER
P1.[7:0]
Port-1: 8-bit GPIO
I/O
P0.[7:0]
8-Bit data/address bus
I/O
P3.0
GPIO/RxD
I/O
AD8
Address line A8
I
P3.1
GPIO/TxD
I/O
AD9
Address line A9
I
P3.3
GPIO/INT1
I/O
AD10
Address line A10
I
P3.4
GPIO/T0
I/O
P3.4
Address line A15
I
LED-1
LED-1 output
O
ALE
Address latch enable
I
LED-2
LED-2 output
O
XINTO
Interrupt output
O
LED-3
LED-3 output
O
WR
External data memory write strobe
I
LED-4
LED-4 output
O
RD
External data memory read strobe
I
3.1
Hub-Ports LED Status Definition
Four LED outputs are provided to indicate the corresponding USB port states (LED-1 corresponds to Port-1, etc.).
All the LED signals are CMOS with
±4-mA sink/drive capability. Table 3−3 describes the LED signal level with its
corresponding port states. The colors generated correspond to the circuit implementation shown in Figure 3−2.
Table 3−3. Relation Between LED Signals and Hub-Port States
PORT-POWERED
ENABLED
DEVICE CONNECTED
SUSP-
SIGNAL
LEDn OUTPUT
COLOR
PORT
SUSPEND
No
X
X
0
Flash (see Note 10)
Red/Green
No
Yes
X
No
0
1
Red
No
Yes
Yes
Yes
0
0
Green
No
Yes
No
Yes
0
Flash (see Note 10)
Red/Green
No
X
X
X
1
No change
Blank
No
Yes
Yes
Yes
1
3-State
Blank
Yes
Yes
Yes
Yes
0
3-State
Red and green
Yes
NOTE 10: LED output is 512 ms on and 512 ms off.
Green
Red
1.5 k
Ω
1.5 k
Ω
1.5 k
Ω
LEDn
SUSP
To All LEDs
3.3 V
Figure 3−2. Dual LED Connection to LED and SUSP Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com