Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 71 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 67Page - Texas Instruments TUSB5052 Datasheet HTML 68Page - Texas Instruments TUSB5052 Datasheet HTML 69Page - Texas Instruments TUSB5052 Datasheet HTML 70Page - Texas Instruments TUSB5052 Datasheet HTML 71Page - Texas Instruments TUSB5052 Datasheet HTML 72Page - Texas Instruments TUSB5052 Datasheet HTML 73Page - Texas Instruments TUSB5052 Datasheet HTML 74Page - Texas Instruments TUSB5052 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
10−5
4.
The contents of the I2CDAO register are transmitted to the device (EEPROM data).
5.
TxE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register contents
have been transmitted.
6.
I2C controller generates a stop condition after the contents of the I2CDAO register are transmitted.
7.
End
10.6 Page Write
The page-write operation is initiated in the same way as byte-write, with the exception that a stop condition is not
generated after the first EEPROM [DATA] is transmitted. The following describes the sequence of writing 32-bytes
in page mode:
10.6.1 Device Address + EEPROM [High-Byte]
1.
MCU sets I2CSTA[SWR] = 0. This forces the I2C controller not to generate a stop condition after the contents
of the I2CDAO register are transmitted.
2.
MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
3.
MCU writes the high-byte of the EEPROM address into the I2CDAO register.
4.
TxE bit in the I2CSTA register is cleared (indicating busy).
5.
The contents of the I2CADR register are transmitted to the device (preceded by start condition on SDA).
6.
The contents of the I2CDAO register are transmitted to the device (EEPROM address).
7.
TxE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register contents
have been transmitted.
10.6.2 EEPROM [Low-Byte]
1.
MCU writes the low byte of the EEPROM address into the I2CDAO register.
2.
TxE bit in the I2CSTA register is cleared (indicates busy).
3.
The contents of the I2CDAO register are transmitted to the device (EEPROM address).
4.
TxE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO-register contents
have been transmitted.
10.6.3 EEPROM [DATA] - 31 Bytes
1.
The data to be written to the EEPROM are written by the MCU into the I2CDAO register.
2.
TxE bit in the I2CSTA register is cleared (indicates busy).
3.
The contents of the I2CDAO register are transmitted to the device (EEPROM data).
4.
TxE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO-register contents
have been transmitted.
5.
This operation repeats 31 times.
10.6.4 EEPROM [DATA] - Last Byte
1.
MCU sets I2CSTA[SWR] = 1. This forces the I2C controller to generate a stop condition after the contents
of the I2CDAO register are transmitted.
2.
MCU writes the last date byte to be written to the EEPROM, into I2CDAO register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com