Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 20Page - Texas Instruments TUSB5052 Datasheet HTML 21Page - Texas Instruments TUSB5052 Datasheet HTML 22Page - Texas Instruments TUSB5052 Datasheet HTML 23Page - Texas Instruments TUSB5052 Datasheet HTML 24Page - Texas Instruments TUSB5052 Datasheet HTML 25Page - Texas Instruments TUSB5052 Datasheet HTML 26Page - Texas Instruments TUSB5052 Datasheet HTML 27Page - Texas Instruments TUSB5052 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
4−4
Table 4−3. Memory Mapped Registers Summary (XDATA Range = FF80−FFFF)
ADDRESS
REGISTER
DESCRIPTION
FFFF
FUNADR
Function address register
FFFE
USBSTA
USB status register
FFFD
USBMSK
USB interrupt mask register
FFFC
USBCTL
USB control register
FFFB
HUBVIDH
Hub VID high-byte register
FFFA
HUBVIDL
Hub VID low-byte register
FFF9
HUBPIDH
Hub PID high-byte register
FFF8
HUBPIDL
Hub PID low-byte register
FFF7
HUBCNF1
Hub-configuration-1 register
FFF6
HUBCNF2
Hub-configuration-2 register
FFF5
HUBPOTG
Hub power-on to power-good descriptor register
↑
RESERVED
FFF3
I2CADR
I2C-port address register
FFF2
I2CDATI
I2C-port data input register
FFF1
I2CDATO
I2C-port data output register
FFF0
I2CSTA
I2C-port status register
↑
RESERVED
FFE9
DMACSR5
DMA-5: Control and status register
FFE8
DMACDR5
DMA-5: Channel definition register
FFE7
DMACSR4
DMA-4: Control and status register
FFE6
DMACDR4
DMA-4: Channel definition register
FFE5
DMACSR3
DMA-3: Control and status register
FFE4
DMACDR3
DMA-3: Channel definition register
FFE3
DMACSR2
DMA-2: Control and status register
FFE2
DMACDR2
DMA-2: Channel definition register
FFE1
DMACSR1
DMA-1: Control and status register
FFE0
DMACDR1
DMA-1: Channel definition register
↑
RESERVED
FFBB
MASK2
UART2: Interrupt mask register
FFBA
XOFF2
UART2: Xoff register
FFB9
XON2
UART2: Xon register
FFB8
DLH2
UART2: Divisor high-byte register
FFB7
DLL2
UART2: Divisor low-byte register
FFB6
MSR2
UART2: Modem status register
FFB5
LSR2
UART2: Line status register
FFB4
MCR2
UART2: Modem control register
FFB3
FCRL2
UART2: Flow control register
FFB2
LCR2
UART2: Line control registers
FFB1
TDR2
UART2: Transmitter data registers
FFB0
RDR2
UART2: Receiver data registers
↑
RESERVED
FFAB
MASK1
UART1: Interrupt mask register
FFAA
XOFF1
UART1: Xoff register
FFA9
XON1
UART1: Xon register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com