Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 38Page - Texas Instruments TUSB5052 Datasheet HTML 39Page - Texas Instruments TUSB5052 Datasheet HTML 40Page - Texas Instruments TUSB5052 Datasheet HTML 41Page - Texas Instruments TUSB5052 Datasheet HTML 42Page - Texas Instruments TUSB5052 Datasheet HTML 43Page - Texas Instruments TUSB5052 Datasheet HTML 44Page - Texas Instruments TUSB5052 Datasheet HTML 45Page - Texas Instruments TUSB5052 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
5−8
USBCTL Register
GLOBCTL Register
PURS
USBR
RESET
MCU
FRSTE
USB Function Reset
To Internal MMRs
RSTI
RSTO
G2
8052
RST
TUSB5052
RSTO
RSTI
External Mode Connection
TUSB5052
RSTO
RSTI
Normal Mode Connection
Figure 5−1. Reset Diagram
5.15 Pullup Resistor Connect/Disconnect
TUSB5052 numeration can be activated by the MCU (there is no need to disconnect the cable physically). Figure 5−2
represents the implementation of the TUSB5052 Connect and Disconnect from a USB upstream port. When
CONT = 1 in the USBCTL register, the CMOS driver sources VDD to the pullup resistor (PUR pin) presenting a normal
connect condition to the USB hub (high speed). When CONT = 0, the PUR pin is driven low. In this state, the 1.5-k
Ω
resistor is connected to GND, resulting in the device disconnection state. The PUR driver is a CMOS driver that can
provide (VDD-0.1)V minimum at 8-mA source current.
HUB
D+
D−
15 k
Ω
TUSB5052
1.5 k
Ω
CMOS
PUR
CONT-bit
DP0
DM0
Figure 5−2. Pullup Resistor Connect/Disconnect Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com