Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 75 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 71Page - Texas Instruments TUSB5052 Datasheet HTML 72Page - Texas Instruments TUSB5052 Datasheet HTML 73Page - Texas Instruments TUSB5052 Datasheet HTML 74Page - Texas Instruments TUSB5052 Datasheet HTML 75Page - Texas Instruments TUSB5052 Datasheet HTML 76Page - Texas Instruments TUSB5052 Datasheet HTML 77Page - Texas Instruments TUSB5052 Datasheet HTML 78Page - Texas Instruments TUSB5052 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
11−3
CL
15 k
Ω
15 k
Ω
CL
Full
Low
V(TERM) = VCC
1.5 k
Ω
DP
DM
22
Ω
22
Ω
Characterization
Measurement Point
Figure 11−1. Differential Driver Switching Load
90%
10%
tr
90%
10%
VOH
VOL
DM
DP
tf
90%
10%
tr
10%
tf
90%
NOTE: The tr/tf ratio is measured as tr(DP)/tf(DM) and tr(DM)/tf(DP) at each crossover point.
Figure 11−2. Differential Driver Timing Waveform
0.5
0
01
2
1
1.5
34
VICR − Common Mode Input Range − V
0.8
3.6
0.2
1.3
2.5
Figure 11−3. Differential Receiver Input Sensitivity vs Common Mode Input Range
Vhys
VIT+
VIT−
VCC
VIH
VIL
0 V
Logic high
Logic low
Figure 11−4. Single-Ended Receiver Input Signal Parameter Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com