Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 32Page - Texas Instruments TUSB5052 Datasheet HTML 33Page - Texas Instruments TUSB5052 Datasheet HTML 34Page - Texas Instruments TUSB5052 Datasheet HTML 35Page - Texas Instruments TUSB5052 Datasheet HTML 36Page - Texas Instruments TUSB5052 Datasheet HTML 37Page - Texas Instruments TUSB5052 Datasheet HTML 38Page - Texas Instruments TUSB5052 Datasheet HTML 39Page - Texas Instruments TUSB5052 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
5−2
5.3
OEPCNFG_0: Output Endpoint-0 Configuration Register
UBME
RSV
TOGLE
RSV
STALL
USBIE
RSV
RSV
7
6
5
4
32
10
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/O
BIT
NAME
RESET
FUNCTION
1−0
RSV
0
Reserved = 0
2
USBIE
0
USB interrupt enable on transaction completion. Set/cleared by the MCU
USBIE = 0 No interrupt
USBIE = 1 Interrupt on transaction completion
3
STALL
0
USB stall condition indication. Set/cleared by the MCU
3
STALL
0
STALL = 0
STALL = 1
No stall
USB stall condition. If set by the MCU, a STALL handshake is initiated and the bit is cleared
automatically.
4
RSV
0
Reserved = 0
5
TOGLE
0
USB toggle bit. This bit reflects the toggle sequence bit of DATA0, DATA1
6
RSV
0
Reserved = 0
7
UBME
0
UBM enable/disable bit. Set/cleared by the MCU
UBME = 0 UBM cannot use this endpoint.
UBME = 1 UBM can use this endpoint.
5.4
OEPBCNT_0: Output Endpoint-0 Byte Count Register
NAK
RSV
RSV
RSV
C3
C2
C1
C0
7
6
5
4
32
10
R/W
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
3−0
C[3:0]
0h
Byte Count
0000b Count = 0
:
:
0111b Count = 7
1000b Count = 8
1001b to 1111b are reserved.
6−4
RSV
0
Reserved = 0
7
NAK
1
NAK = 0 No valid data in buffer. Ready for host-OUT request
NAK = 1 Buffer contains a valid packet from host (gives NAK response to host-OUT request).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com