Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 27Page - Texas Instruments TUSB5052 Datasheet HTML 28Page - Texas Instruments TUSB5052 Datasheet HTML 29Page - Texas Instruments TUSB5052 Datasheet HTML 30Page - Texas Instruments TUSB5052 Datasheet HTML 31Page - Texas Instruments TUSB5052 Datasheet HTML 32Page - Texas Instruments TUSB5052 Datasheet HTML 33Page - Texas Instruments TUSB5052 Datasheet HTML 34Page - Texas Instruments TUSB5052 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
4−11
4.3.12 IEPSIZXY_n: Input Endpoint X/Y-Buffer Size (n = 1 to 7)
RSV
S6
S5
S4
S3
S2
S1
S0
7
6
5
4
32
10
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6−0
S[6:0]
x
X and Y-buffer size:
0000.0000b Count = 0
0000.0001b Count = 1 byte
:
:
0011.1111b Count = 63 bytes
0100.0000b Count = 64 bytes
Any value
≥ 100.0001b may result in unpredictable results.
7
RSV
x
Reserved = 0
4.4
Endpoint-0 Descriptor Registers
Unlike registers EDB-1 to EDB-7, which are defined as memory entries in SRAM, endpoint_0 is described by a set
of 4 registers (two for output and two for input). The registers and their respective addresses, used for EDB-0
description, are defined in Table 4−6. EDB-0 has no Base-Address-Register, since these addresses are hardwired
into FEF8 and FEF0. Note that the bit positions have been preserved to provide consistency with EDB-n
(n = 1 to 7).
Table 4−6. Input/Output EDB-0 Registers
ADDRESS
REGISTER NAME
DESCRIPTION
BASE ADDRESS
FF83
FF82
OEPBCNT_0
OEPCNFG_0
Output endpoint_0: Byte count register
Output endpoint_0: Configuration register
FEF0
FF81
FF80
IEPBCNT_0
IEPCNFG_0
Input endpoint_0: Byte count register
Input endpoint_0: Configuration register
FEF8
4.4.1
IEPCNFG_0: Input Endpoint-0 Configuration Register
UBME
RSV
TOGLE
RSV
STALL
USBIE
RSV
RSV
7
6
5
4
32
10
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/O
BIT
NAME
RESET
FUNCTION
1−0
RSV
0
Reserved = 0
2
USBIE
0
USB interrupt enable on transaction completion. Set/cleared by the MCU
USBIE = 0 No interrupt
USBIE = 1 Interrupt on transaction completion
3
STALL
0
USB stall condition indication. Set/cleared by the MCU
3
STALL
0
STALL = 0
STALL = 1
No stall
USB stall condition. If set by the MCU, a STALL handshake is initiated and the bit is cleared
automatically by the next setup transaction.
4
RSV
0
Reserved = 0
5
TOGLE
0
USB toggle bit. This bit reflects the toggle sequence bit of DATA0, DATA1.
6
RSV
0
Reserved = 0
7
UBME
0
UBM enable/disable bit. Set/cleared by the MCU
UBME = 0 UBM cannot use this endpoint.
UBME = 1 UBM can use this endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com