Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 15Page - Texas Instruments TUSB5052 Datasheet HTML 16Page - Texas Instruments TUSB5052 Datasheet HTML 17Page - Texas Instruments TUSB5052 Datasheet HTML 18Page - Texas Instruments TUSB5052 Datasheet HTML 19Page - Texas Instruments TUSB5052 Datasheet HTML 20Page - Texas Instruments TUSB5052 Datasheet HTML 21Page - Texas Instruments TUSB5052 Datasheet HTML 22Page - Texas Instruments TUSB5052 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
3−7
Table 3−5. SUSP Pin Output
HUB BYPASSED
HUB SUSPENDED
FUNCTION SUSPENDED
IDLE BIT
SUSP OUTPUT
No
Yes
X
1
1
No
Yes
X
0
0
No
No
Yes
1
Z
No
No
X
0
0
No
No
No
X
0
Yes
X
Yes
1
1
Yes
X
X
0
0
Yes
X
No
X
0
3.5
Reset Timing
There are two requirements for the reset signal timing. First, the minimum reset-pulse duration is 200
µs. At power
up, this time is measured from the time the power ramps up to 90% of the nominal VCC until the reset signal is no
longer active (reset is active as long as it is less than 1.2 V). The second requirement is that the clock must be valid
during the last 180
µs of the reset window. The clock is valid when the oscillation on the XTAL2 pin exceeds 1.2 V p-p.
Figure 3−5 illustrates the relationships among the power, reset, and clock signals. Note that when using a 6-MHz
crystal and the on-chip oscillator, the clock signal may take several milliseconds following power up to ramp up and
become valid. Therefore, the reset window may need to be extended up to 10 ms or more to ensure that there is a
180-
µs overlap with a valid clock. Also, note that according to the USB specification, the chip has 100 ms to come
out of reset and be ready to respond to the host. The reset signal is inactive when it goes above 1.8 V.
CLK
t
Reset
3.3 V
1.8 V
1.2 V
0 V
VCC
90%
Reset Time < 100 ms
200
µs < Reset Time
> 180
µs
Figure 3−5. Relationship of Power, Reset, and Clock Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com