Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 17 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 13Page - Texas Instruments TFP501PZP Datasheet HTML 14Page - Texas Instruments TFP501PZP Datasheet HTML 15Page - Texas Instruments TFP501PZP Datasheet HTML 16Page - Texas Instruments TFP501PZP Datasheet HTML 17Page - Texas Instruments TFP501PZP Datasheet HTML 18Page - Texas Instruments TFP501PZP Datasheet HTML 19Page - Texas Instruments TFP501PZP Datasheet HTML 20Page - Texas Instruments TFP501PZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
Bit 6: REPEATER, Video repeater capability. This device is not a repeater. Read as ZERO.
Bit 5: READY, KSV FIFO ready. This device does not support repeater capability. Read as ZERO.
Bit 4: FAST. This device supports 400 kHz transfers. Read as ONE.
Bstatus
Subaddress = 41
Read Only
Default = 00
7
6
5
4
3
2
1
0
Bstatus[7:0]
Subaddress = 42
Read Only
Default = 00
7
6
5
4
3
2
1
0
Bstatus[15:8]
Bstatus. This device does not support repeater capability. All bytes read as 0x00.
KSV_FIFO
Subaddress = 43
Read Only
Default = 00
7
6
5
4
3
2
1
0
KSV_FIFO
Key selection vector FIFO. This device is not a repeater. All bytes read as 0x00.
VEN_ID
Subaddress = C0
Read Only
Default = 4C
7
6
5
4
3
2
1
0
VEN_ID[7:0]
Subaddress = C1
Read Only
Default = 01
7
6
5
4
3
2
1
0
VEN_ID[15:8]
This read-only register contains the 16-bit Texas Instruments vendor ID for the TFP501. VEN_ID[15:0] is
hardwired to 0x014C
DEV_ID
Subaddress = C2
Read Only
Default = 01
7
6
5
4
3
2
1
0
DEV_ID[7:0]
Subaddress = C3
Read Only
Default = 05
7
6
5
4
3
2
1
0
DEV_ID[15:8]
This read-only register contains the 16-bit device ID for the TFP501. DEV_ID[15:0] is hardwired to 0x0501.
REV_ID
Subaddress = C4
Read Only
Default = 01
7
6
5
4
3
2
1
0
REV_ID[7:0]
This read-only register contains the 8-bit revision ID for the TFP501. REV_ID[7:0] is hardwired to 0x01.
I
2C INTERFACE
The I2C interface is used to access the internal TFP501 registers. This two-pin interface consists of one clock
line, DDC_SCL, and one serial data line, DDC_SDA. The basic I2C access cycles are shown in Figure 16 and
Figure 17.
Copyright
© 2001–2011, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com