Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 9 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 5Page - Texas Instruments TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments TFP501PZP Datasheet HTML 10Page - Texas Instruments TFP501PZP Datasheet HTML 11Page - Texas Instruments TFP501PZP Datasheet HTML 12Page - Texas Instruments TFP501PZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
80%
20%
80%
20%
tr(2)
tf(2)
ODCK
80%
80%
20%
20%
tr(1)
tf(1)
QE[23:0], QO[23:0], DE,
CTL[2:1], HSYNC, VSYNC
f(ODCK)
ODCK
tsu(1)
th(1)
tsu(2)
th(2)
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
ODCK
QE[23:0], QO[23:0], DE,
CTL[2:1], HSYNC, VSYNC
OCK_INV
50%
tsk(D)
Tx+
Tx-
50%
VOH
td(st)
ODCK
QE[23:0]
PD
QE[23:0], QO[23:0],
ODCK, DE, CTL[2:1],
HSYNC, VSYNC, SCDT
td(PDL)
VIL
PDO
QE[23:0], QO[23:0],
ODCK, DE, CTL[2:1],
HSYNC, VSYNC
td(PDOL)
VIL
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
PARAMETER MEASUREMENT INFORMATION
Figure 1. Rise and Fall Time of ODCK
Figure 2. Rise and Fall Time of Data and Control Signals
Figure 3. ODCK Frequency
Figure 4. Data Setup and Hold Time to Rising and Falling Edge of ODCK
Figure 5. ODCK High to QE[23:0]
Figure 6. Analog Input Intra-Pair
Staggered Data Output
Differential Skew
Figure 7. Delay from PD Low to Hi-Z Outputs
Figure 8. Delay from PDO Low to Hi-Z Outputs
Copyright
© 2001–2011, Texas Instruments Incorporated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com