Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 6 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 2Page - Texas Instruments TFP501PZP Datasheet HTML 3Page - Texas Instruments TFP501PZP Datasheet HTML 4Page - Texas Instruments TFP501PZP Datasheet HTML 5Page - Texas Instruments TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments TFP501PZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
DC DIGITAL I/O ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High level digital input voltage (CMOS Inputs)(1)
0.7
V
DVDD
VIL
Low level digital input voltage (CMOS Inputs)(1)
0.3
V
DVDD
DVDD = 3 V, VOH = –5 V,
ST = High
2.4
VOH
High level output drive current(2)
V
DVDD = 3 V, VOH = –3 V,
ST = Low
2.4
DVDD = 3.6 V, IOL = 10 mA, ST = High
0.4
VOL
Low level digital output voltage (2)
V
DVDD = 3.6 V, IOL = –3 V,
ST = Low
0.4
ST = High, VOH = 2.4 V
–5
–12
–18
IOH(D)
High level output drive current (2)
mA
ST = Low, VOH = 2.4 V
–3
–7
–12
ST = High, VOH =0.4 V
10
13
19
IOL(D)
Low level output drive current(2)
mA
ST = Low, VOH = 0.4 V
5
7
11
IIH
High level digital input current (1)
VIH = DVDD
±20
µA
IIL
Low level digital input current (1)
VIL = 0.0
±60
µA
IOZ
Hi-Z output leakage current
PD = Low or PDO = Low
±20
μA
(1)
Digital inputs are labeled I in I/O column of Pin Functions Table.
(2)
Digital outputs are labeled O in I/O column of Pin Functions Table.
6
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com