Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 10 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments TFP501PZP Datasheet HTML 10Page - Texas Instruments TFP501PZP Datasheet HTML 11Page - Texas Instruments TFP501PZP Datasheet HTML 12Page - Texas Instruments TFP501PZP Datasheet HTML 13Page - Texas Instruments TFP501PZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
td(PDLM)
PD
VIL
PD
DFO, ST, PIXS, STAG,
Rx[2:0]+, Rx[2:0]2,
OCK_INV
VIH
td(PDLA)
tsk(CC)
50%
50%
TX2
TX1
TX0
t(HSC)
t(FSC)
DE
SCDT
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Delay from PD Low to High
Figure 10. Minimum Time PD Low
Before Inputs are Active
Figure 11. Analog Input Channel-to-Channel Skew
Figure 12. Time Between DE Transitions to SCDT Low and SCDT High
DETAILED DESCRIPTION
FUNDAMENTAL OPERATION
The TFP501 is a DVI digital receiver that is used in digital display systems to receive and decode TMDS
encoded RGB pixel data streams. High-bandwidth digital content protection (HDCP) receiver functionality
provides decryption of the DVI input data streams encrypted at the transmitter, such as TI's TFP510 HDCP
transmitter, to prevent unauthorized viewing or coping of digital content. In a digital display system a host, usually
a PC or consumer electronics device, contains a DVI compatible transmitter that receives 24-bit pixel data along
with appropriate control signals. The HDCP TFP510 transmitter encrypts and encodes the signals into a
high-speed, low-voltage, differential serial bit stream optimized for transmission over a twisted-pair cable to a
display device. The display device, usually a flat-panel monitor, requires a DVI and HDCP compatible receiver
like the TI TFP501 to decode and decrypt the serial bit stream back to the same 24-bit pixel data and control
signals that originated at the host. This decoded data can then be applied directly to the flat panel drive circuitry
to produce an image on the display. Since the host and display can be separated by distances up to five meters
or more, serial transmission of the pixel data is preferred. To support modern display resolutions up to UXGA, a
high-bandwidth receiver with good jitter and skew tolerance is required.
TMDS PIXEL DATA AND CONTROL SIGNAL ENCODING
TMDS stands for transition minimized differential signaling. Only one of two possible TMDS characters for a
given pixel is transmitted at a given time. The transmitter keeps a running count of the number of ones and zeros
previously sent, transmits the character that minimizes the number of transitions, and approximates a dc balance
of the transmission line.
10
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com