Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 1 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 1 Page - Texas Instruments

  TFP501PZP Datasheet HTML 1Page - Texas Instruments TFP501PZP Datasheet HTML 2Page - Texas Instruments TFP501PZP Datasheet HTML 3Page - Texas Instruments TFP501PZP Datasheet HTML 4Page - Texas Instruments TFP501PZP Datasheet HTML 5Page - Texas Instruments TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
PanelBus
™ HDCP Digital Receiver
Check for Samples: TFP501
1
FEATURES
DESCRIPTION
The TFP501 is a Texas Instruments PanelBus flat
2
•
Supports Pixel Rates Up to 165 MHz (including
panel display product, part of a comprehensive family
1080p and WUXGA at 60Hz)
of end-to-end DVI 1.0-compliant solutions. Targeted
•
Digital Visual Interface (DVI) and
primarily at desktop LCD monitors, DLP and LCD
High-Bandwidth Digital Content Proataection
projectors,
and
digital
TVs,
the
TFP501
finds
(HDCP) Specification Compliant (1)
applications in any design requiring high-speed digital
•
Encrypted External HDCP Device Key Storage
interface with the additional benefit of an extremely
for Exceptional Security and Ease of
robust and innovative encryption scheme for digital
Implementation
content protection.
•
True-Color, 24 Bits/Pixel, 48-bit Dual Pixel
The TFP501 supports display resolutions up to 1080p
Output Mode, 16.7M Colors at 1 or 2 Pixels Per
and WUXGA in 24-bit true color pixel format. The
Clock
TFP501 offers design flexibility to drive one or two
•
Laser Trimmed (50-
Ω) Input Stage for Optimum
pixels per clock, supports TFT or DSTN panels, and
Fixed Impedance Matching
provides an option for time staggered pixel outputs
•
Skew Tolerant up to One Pixel Clock Cycle
for reduced ground-bounce.
(High Clock and Data Jitter Tolerance)
PowerPAD advanced packaging technology results in
•
4x Over-Sampling for Reduced Bit-Error Rates
best-of-class
power
dissipation,
footprint,
and
and Better Performance Over Longer Cables
ultra-low ground inductance.
•
Reduced Power Consumption From 1.8-V Core
The TFP501 combines PanelBus circuit innovation
Operation With 3.3-V I/O's and Supplies (2)
and unique implementation for HDCP key protection
•
Reduced Ground-Bounce Using Time
with TI's advanced 0.18
µm EPIC-5 CMOS process
Staggered Pixel Outputs
technology to achieve a completely secure, reliable,
•
Lowest Noise and Best Power Dissipation
low-powered, low noise, high-speed digital interface
Using TI 100-pin TQFP PowerPAD
™Packaging
solution.
•
Advanced Technology Using TI's 0.18-mm
EPIC-5
™ CMOS Process
•
Supports Hot Plug Detection
(1)
The digital visual interface (DVI) specification is an industry
standard developed by the digital display working group
(DDWG) for high-speed digital connection to digital displays.
The high-bandwidth digital content protection system (HDCP)
is an industry standard for protecting DVI outputs from being
copied. HDCP was developed by Intel Corporation and is
licensed by the Digital Content Protection, LLC. The TFP501
is compliant to the DVI Rev. 1.0 and HDCP Rev. 1.0
specifications.
(2)
The TFP501 has an internal voltage regulator that provides
the 1.8 V core power supply from the externally supplied 3.3
V supplies.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PanelBus, PowerPAD, EPIC-5 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2001–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TFP501PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP501 TI-TFP501 Datasheet
374Kb / 24P
PANELBUS HDCP DIGITAL RECEIVER
More results

Similar Description - TFP501PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
PANELBUS HDCP DIGITAL RECEIVER
TFP101 TI-TFP101 Datasheet
332Kb / 18P
T1 PANELBUS DIGITAL RECEIVER
TFP503 TI-TFP503 Datasheet
445Kb / 27P
PANELBUS HDCP DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
TI PanelBus??DIGITAL RECEIVER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
PanelBus Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com