Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 18 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 14Page - Texas Instruments TFP501PZP Datasheet HTML 15Page - Texas Instruments TFP501PZP Datasheet HTML 16Page - Texas Instruments TFP501PZP Datasheet HTML 17Page - Texas Instruments TFP501PZP Datasheet HTML 18Page - Texas Instruments TFP501PZP Datasheet HTML 19Page - Texas Instruments TFP501PZP Datasheet HTML 20Page - Texas Instruments TFP501PZP Datasheet HTML 21Page - Texas Instruments TFP501PZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DDC_SDA
Start Condition (S)
Stop Condition (P)
DDC_SCL
DDC_SCL
1
2
3
4
5
6
7
8
9
DDC_SDA
1
2
3
4
5
6
7
8
9
2
3
4
5
6
7
1
Slave Address
MSB
Sub Address
Data
Stop
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
Figure 16. I2C Start and Stop Conditions
The basic access cycle consists of the following:
•
A start condition
•
A slave address cycle
•
A subaddress cycle
•
Any number of data cycles
•
A stop condition
The start and stop conditions are shown in Figure 16. The high to low transition of DDC_SDA while DDC_SCL is
high defines the start condition. The low to high transition of DDC_SDA while DDC_SCL is high defines the stop
condition. Each cycle, (data or address) consists of 8 bits of serial data followed by one acknowledge bit
generated by the receiving device. Thus, each data/address cycle contains 9 bits as shown in Figure 17.
Figure 17. I2C Access Cycles
Following a start condition, each I2C device decodes the slave address. The TFP501 responds with an
acknowledge by pulling the DDC_SDA line low during the ninth clock cycle if it decodes the address as its
address. During subsequent subaddress and data cycles the TFP501 responds with acknowledge as shown in
Figure 18. The subaddress is autoincremented after each data cycle.
The transmitting device must not drive the DDC_SDA signal during the acknowledge cycle so that the receiving
device may drive the DDC_SDA signal low. The not acknowledge, A, condition is indicated by the master by
keeping the DDC_SDA signal high just before it asserts the stop, P, condition. This sequence terminates a read
cycle as shown in Figure 19.
The slave address consists of 7 bits of address along with 1 bit of read/write information as shown below in
Figure 18, Figure 19, and Figure 20. For the TFP501, the possible slave addresses (including the r/w bit) are
0x74, 0x76 for write cycles and 0x75 and 0x77 for read cycles. Refer to the register description section for
additional base address information.
In order to minimize the number of bits that must be transferred for the link integrity check, a second read format
is supported. This format, shown in Figure 20, has an implicit subaddress equal to 0x08, the starting location of
Ri'.
18
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com