Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 8 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 4Page - Texas Instruments TFP501PZP Datasheet HTML 5Page - Texas Instruments TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments TFP501PZP Datasheet HTML 10Page - Texas Instruments TFP501PZP Datasheet HTML 11Page - Texas Instruments TFP501PZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
AC ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID(2)
Differential input sensitivity
(1)
150
mVp-p
VID(3)
Maximum differential input
1560
mVp-p
tsk(D)
Analog input intra-pair (+ to
–) differential skew
(2)
0.4 t(bit)
(3)
ns
tsk(CC)
Analog input intra-pair or channel to channel
1.0 t(pixel)
(4)
ns
skew
(2)
Worst case differential input clock jitter tolerance
(5)
112 MHz, 1 pixel/clock
200
ps
(2)
ST = Low,
CL = 10 pF
1.9
tr(1)
Rise time of data and control signals
(6) (7)
ns
ST = High,
CL = 10 pF
1.9
ST = Low,
CL = 10 pF
1.9
tf(1)
Fall time of data and control signals
(6) (7)
ns
ST = High,
CL = 10 pF
1.9
ST = Low,
CL = 5 pF
1.9
tr(2)
Rise time of ODCK clock
(6)
ns
ST = High,
CL = 10 pF
1.9
tf(2)
Fall time of ODCK clock
(6)
ST = Low,
CL = 5 pF
1.9
ns
ST = High,
CL = 10 pF
1.9
ST = Low, CL = 10 pF
1.2
1 pixel/clock, PIXS = low,
ns
OCK_INV = low
ST = High, CL = 10 pF
1.2
2 pixel/clock, PIXS = high,
ST = Low, CL = 10 pF
2.7
Setup time, data and control signal to falling edge
STAG = high,
ns
tsu(1)
of ODCK
(7)
ST = High, CL = 10 pF
2.7
OCK_INV = low
2 pixel and STAG
ST = Low, CL = 10 pF
1.7
PIXS = high, STAG = low,
ns
ST = High, CL = 10 pF
1.7
OCK_INV = low
ST = Low, CL = 10 pF
0.9
1 pixel/clock, PIXS = low,
ns
OCK_INV = low
ST = High, CL = 10 pF
0.9
Hold time, data and control signal to falling edge of
th(1)
ODCK
(7)
2 pixel and STAG,
ST = Low, CL = 10 pF
2.9
PIXS = high, STAG = low,
ns
2.9
ST = High, CL = 10 pF
OCK_INV = low
1 pixel/clock, PIXS = low,
ST = Low, CL = 10 pF
1.9
ns
OCK_INV = high
ST = High, CL = 10 pF
1.9
2 pixel/clock, PIXS = high,
ST = Low, CL = 10 pF
2.9
STAG = high,
ns
Setup time, data and control signal to rising edge of
2.9
tsu(2)
ST = High, CL = 10 pF
OCK_INV = high
ODCK
(7)
2 pixel and STAG,
ST = Low, CL = 10 pF
2.0
PIXS = high,
ns
2.0
STAG = low,
ST = High, CL = 10 pF
OCK_INV = high
1 pixel/clock, PIXS = low,
ST = Low, CL = 10 pF
0.5
ns
OCK_INV = high
ST = High, CL = 10 pF
0.5
Hold time, data and control signal to rising edge of
th(2)
ODCK
(7)
2 pixel and STAG,
ST = Low, CL = 10 pF
1.4
PIXS = high, STAG = Low,
ns
1.4
ST = High, CL = 10 pF
OCK_INV = high
PIX = Low
25
165
f(ODCK)
ODCK frequency
MHz
PIX = High
12.5
82.5
ODCK duty-cycle
45%
50%
60%
tpd(PDL)
Propagation delay time from PD low to Hi-Z outputs
18
ns
tpd(PDOL)
Propagation delay time from PDO low to Hi-Z
18
ns
outputs
t(HSC)
Time between DE transition to SCDT low
(8)
165 MHz
25
ms
tt(FSC)
Time between DE low to SCDT high
(8)
8
trans(DE)
(9)
td(st)
ODCK latching edge to QE[23:0] data output
STAG = Low, PIXS = High
0.2-5t(pixel)
ns
(1)
Specified as ac parameter to include sensitivity to overshoot, undershoot and reflection.
(2)
By characterization
(3)
t(bit) is 1/10 the pixel time, tpix
(4)
t(pixel) is the pixel time defined as the period of the RxC input clock. The period of ODCK is equal to tpix in 1-pixel/clock mode or 2tpix
when in 2-pixel/clock mode.
(5)
Measured differentially at 50% crossing using ODCK output clock as trigger.
(6)
Rise and fall times measured as time between 20% and 80% of signal amplitude.
(7)
Data and control signals are : QE[23:0], QO[23:0], DE, HSYNC, VSYNC and CTL[2:1]
(8)
Link active or inactive is determined by amount of time detected between DE transitions. SCDT indicates link activity.
(9)
trans(DE) is one transition (low-to-high or high-to-low) of the DE signal.
8
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com