Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 12 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments TFP501PZP Datasheet HTML 10Page - Texas Instruments TFP501PZP Datasheet HTML 11Page - Texas Instruments TFP501PZP Datasheet HTML 12Page - Texas Instruments TFP501PZP Datasheet HTML 13Page - Texas Instruments TFP501PZP Datasheet HTML 14Page - Texas Instruments TFP501PZP Datasheet HTML 15Page - Texas Instruments TFP501PZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
S/W
Application
Program
Upstream
Decrypt
CPU
and
North
Bridge
and
Graphics
Controller
TFP510
DVI-HDCP TX
(PC’s DVI Output)
PROM
Key
Decrypt
C Keys and KSV
Upstream
Encrypt
DE
Pixel Data
Clock
Input
Stream
Encrypted Keys
A Keys and KSV
D Keys and KSV
I2C
Encrypted M 0
I2C
TFP501
DVI-HDCP RX
(Display’s DVI Input)
PROM
Key
Decrypt
I2C
Slave I/F
Channel 2
Channel 0
Channel C
HDCP Encrypted
TMDS Link
Encrypted Keys
B Keys and KSV
I2C
I2C
Channel 1
EDID
PROM
Control and Authentication and Key Exchange
KSV = Key Selection Vector
M0 = 64-Bit Secret Value
DE
Pixel Data
Clock
Output
Stream
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
Figure 13. TI
's HDCP Implementation for PC and Display System
TFP501 CLOCKING AND DATA SYNCHRONIZATION
The TFP501 receives a clock reference from the DVI transmitter, such as the TFP510, that has a period equal to
the pixel time, t(pixel). The frequency of this clock is also referred to as the pixel rate. Since the TMDS encoded
data on Rx[2:0] contains 10 bits per 8-bit pixel, it follows that the Rx[2:0] serial bit rate is 10 times the pixel rate.
For example, the required pixel rate to support an UXGA resolution with 60 Hz refresh rate is 165 MHz. The
TMDS serial bit rate is 10x the pixel rate or 1.65 Gb/s. Due to the transmission of this high speed digital bit
stream on three separate channels (or twisted-pair wires) of long distances (3
–5 meters), phase synchronization
between the data steams and the input reference clock is not assured. In addition, skew between the three data
channels is common. The TFP501 uses a 4x oversampling scheme of the input data streams to achieve reliable
synchronization with up to 1-T(pixel) channel-to-channel skew tolerance. Accumulated jitter on the clock and data
lines due to reflections and external noise sources is also typical of high-speed serial data transmission. The
TFP501 is designed for high jitter tolerance.
The input clock to the TFP501 is conditioned by a PLL (phase-locked-loop) to remove high frequency jitter from
the clock. The PLL provides four 10x clock outputs of different phases to locate and sync the TMDS data
streams (4x oversampling). During the active display interval, the pixel data is encoded to be transition
minimized; whereas, during the blanking interval, the control data is encoded to be transition maximized. A
DVI-compliant transmitter is required to transmit during the blanking interval for a minimum period of time,
128-t(pixel), to ensure sufficient time for data synchronization when the receiver sees a transition maximized code.
Performing synchronization during the blanking interval, when the data is transition maximized, assures reliable
data bit boundary detection. Phase synchronization to the data streams is unique for each of the three input
channels and is maintained as long as the link remains active.
12
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com