Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 20 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 16Page - Texas Instruments TFP501PZP Datasheet HTML 17Page - Texas Instruments TFP501PZP Datasheet HTML 18Page - Texas Instruments TFP501PZP Datasheet HTML 19Page - Texas Instruments TFP501PZP Datasheet HTML 20Page - Texas Instruments TFP501PZP Datasheet HTML 21Page - Texas Instruments TFP501PZP Datasheet HTML 22Page - Texas Instruments TFP501PZP Datasheet HTML 23Page - Texas Instruments TFP501PZP Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
Table 1. TI 100-TQFP (14
× 14 × 1 mm)/0.5 mm Lead Pitch
WITHOUT
PowerPAD
™
PowerPAD
™
PARAMETER
PowerPAD
NOT CONNECTED TO PCB
CONNECTED TO PCB
™
THERMAL PLANE
THERMAL PLANE(1)
RθJA
Junction-to-ambient thermal resistance (1)(2)
49.17
°C/W
27.32
°C/W
17.28
°C/W
RθJc
Junction-to-case thermal resistance (1)(2)
3.11
°C/W
0.12
°C/W
0.12
°C/W
PD
Package power dissipation (1)(2)(3)
1.6 W
2.9 W
4.6 W
(1)
Specified with the PowerPAD bond pad on the backside of the package soldered to a 2 oz Cu plate PCB thermal plane.
(2)
Airflow is at 0 LFM (no airflow)
(3)
Specified at 150
°C junction temperature and 70°C ambient temperature.
20
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com