Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 19 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TFP501PZP Datasheet HTML 15Page - Texas Instruments TFP501PZP Datasheet HTML 16Page - Texas Instruments TFP501PZP Datasheet HTML 17Page - Texas Instruments TFP501PZP Datasheet HTML 18Page - Texas Instruments TFP501PZP Datasheet HTML 19Page - Texas Instruments TFP501PZP Datasheet HTML 20Page - Texas Instruments TFP501PZP Datasheet HTML 21Page - Texas Instruments TFP501PZP Datasheet HTML 22Page - Texas Instruments TFP501PZP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
From Transmitter
From Receiver
W
Write
A
Acknowledge
S
Start Condition
P
Stop Condition
Data
S
Slave Address
Sub Address
A
W
P
A
A
Data
A
Data
A
S
Slave Address
Sub Address
A
W
Sr
A
P
From Transmitter
From Receiver
Sr Restart Condition
A
Acknowledge
S
Start Condition
P
Stop Condition
A
R
A
Slave Address
Data
A
Not Acknowledge (SDA High)
W
Write
R
Read
Data
S
Slave Address
R
P
From Transmitter
From Receiver
R
Read
A
Acknowledge
S
Start Condition
P
Stop Condition
A
A
Not Acknowledge (SDA High)
A
Data
A
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
Figure 18. I2C Write Cycle
Figure 19. I2C Read Cycle
Figure 20. HDCP Port Link Integrity Message Read
PowerPAD
™ 100-Pin TQFP PACKAGE
The TFP501 is packaged in TI's thermally enhanced PowerPAD 100-pin TQFP packaging. The PowerPAD
package is a 14 mm y 14 mm y 1 mm TQFP outline with 0.5mm lead-pitch. The PowerPAD package has a
specially designed die mount pad that offers improved thermal capability over typical TQFP packages of the
same outline. The TI 100-pin TQFP PowerPAD package offers a backside solder plane that connects directly to
the die mount pad for enhanced thermal conduction. Soldering the backside of the TFP501 to the application
board is not required thermally, as the device power dissipation is well within the package capability when not
soldered.
Soldering the backside of the device to the PCB ground plane is recommended for electrical considerations.
Since the die pad is electrically connected to the chip substrate and hence chip ground, connection of the
PowerPAD back side to a PCB ground plane helps to improve EMI, ground bounce, and power supply noise
performance.
Table 1 outlines the thermal properties of the TI 100-pin TQFP PowerPAD package. The 100-pin TQFP
non-PowerPAD package is included only for reference.
Copyright
© 2001–2011, Texas Instruments Incorporated
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com