Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 4 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 4 Page - Texas Instruments

  TFP501PZP Datasheet HTML 1Page - Texas Instruments TFP501PZP Datasheet HTML 2Page - Texas Instruments TFP501PZP Datasheet HTML 3Page - Texas Instruments TFP501PZP Datasheet HTML 4Page - Texas Instruments TFP501PZP Datasheet HTML 5Page - Texas Instruments TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TFP501
SLDS127C
– JULY 2001 – REVISED JULY 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DVDD
6, 38
Digital VDD – Power supply for digital core. Nominally 3.3 V
HSYNC
48
O
Horizontal sync output
ODCK Polarity - Selects ODCK edge on which pixel data (QE[23:0] and QO[23:0]) and control signals (HSYNC,
VSYNC, DE, CTL1-2 ) are latched.
Normal Mode:
OCK_INV
100
I
High : Latches output data on rising ODCK edge
Low : Latches output data on falling ODCK edge
Output data clock
– Pixel clock. All pixel outputs QE[23:0] and QO[23:0] (if in 2-pixel/clock mode) along with DE,
ODCK
44
O
HSYNC, VSYNC and CTL[2:1] are synchronized to this clock.
19, 28 ,45,
OGND
Output driver ground
– Ground reference and current return for digital output drivers
58, 76
18, 29, 43,
OVDD
Output driver VDD
– Power supply for output drivers. Nominally 3.3 V
57, 78
Power down
– An active low signal that controls the TFP501 power-down state. During power down all output buffers
are switched to a high-impedance state and brought low through a weak pulldown. All analog circuits are powered
down and all inputs are disabled, except for PD.
PD
2
I
If PD is left unconnected an internal pullup defaults the TFP501 to normal operation.
High : Normal operation
Low: Power down
Output drive power down
– An active low signal that controls the power-down state of the output drivers. During
output drive power down, the output drivers (except SCDT and CTL1) are driven to a high-impedance state. A weak
pulldown slowly pulls these outputs to a low level. When PDO is left unconnected an internal pullup defaults the
PDO
9
I
TFP501 to normal operation.
High : Normal operation/output drivers on
Low: Output drive power down.
PGND
98
PLL ground
– Ground reference and current return for internal PLL
Pixel select
– Selects between one or two pixel per clock output modes. During 2-pixel/clock mode, both even pixels,
QE[23:0], and odd pixels, QO[23:0], are output in tandem on a given clock cycle. During 1 pixel/clock, even and odd
pixels are output sequentially, one at a time, with the even pixel first, on the even pixel bus, QE[23:0]. (The first pixel
PIXS
4
I
per line is pixel-0, the even pixel. The second pixel per line is pixel-1, the odd pixel.)
High : 2-pixel/clock
Low: 1-pixel/clock
PROM_SCL
95
I/O
EEPROM_serial clock
– I2C clock for EEPROM interface data. External pullup resistors = 10 kΩ and 3.3 V tolerant.
PROM_SDA
96
I/O
EEPROM_serial data
– I2C data for EEPROM interface data. External pullup resistors = 10 kΩ and 3.3 V tolerant.
PVDD (1, 2)
97, 99
VDD
PLL VDD – Power supply for internal PLL
Even blue pixel output
– Output for even and odd green pixels when in 1-pixel/clock mode. Output for even only blue
pixel when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
QE[0:7]
10
–17
O
LSB: QE0/pin 10
MSB: QE7/pin 17
Even green pixel output
– Output for even and odd green pixels when in 1-pixel/clock mode. Output for even only
green pixel when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
QE[8:15]
20
–27
O
LSB: QE8/pin 20
MSB: QE15/pin 27
Even red pixel output
– Output for even and odd red pixels when in 1-pixel/clock mode. Output for even only red pixel
when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
QE[16:23]
30
–37
O
LSB: QE16/pin 30
MSB: QE23/pin 37
Odd blue pixel output
– Output for odd only blue pixel when in 2-pixel/clock mode. Not used, and held low, when in
1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
QO[0:7]
49
–56
O
LSB: QO0/pin 49
MSB: QO7/pin 56
Odd green pixel output - Output for odd only green pixel when in 2-pixel/clock mode. Not used, and held low, when in
1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
QO[8:15]
59
–66
O
LSB: QO8/pin 59
MSB: QO15/pin 66
Odd red pixel output - Output for odd only red pixel when in 2-pixel/clock mode. Not used, and held low, when in
1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
QO[16:23]
69
–75, 77
O
LSB: QO16/pin 69
MSB: QO23/pin 77
RSVD
42
O
Reserved
– Must be tied high for normal operation.
Channel-2 positive receiver input
– Positive side of channel-2 TMDS low voltage signal differential input pair.
Rx2+
80
I
Channel-2 receives red pixel data in active display and CTL2 control signals in blanking.
4
Copyright
© 2001–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com