Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 5 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 5 Page - Texas Instruments

  TFP501PZP Datasheet HTML 1Page - Texas Instruments TFP501PZP Datasheet HTML 2Page - Texas Instruments TFP501PZP Datasheet HTML 3Page - Texas Instruments TFP501PZP Datasheet HTML 4Page - Texas Instruments TFP501PZP Datasheet HTML 5Page - Texas Instruments TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Rx2
–
81
I
Channel-2 negative receiver input
– Negative side of channel-2 TMDS low voltage signal differential input pair.
Channel-1 positive receiver input
– Positive side of channel-1 TMDS low voltage signal differential input pair.
Rx1+
83
I
Channel-1 receives green pixel data in active display and CTL1 control signals in blanking.
Rx1-
84
I
Channel-1 negative receiver input
– Negative side of channel-1 TMDS low voltage signal differential input pair.
Channel-0 positive receiver input
– Positive side of channel-0. TMDS low voltage signal differential input pair.
Rx0+
86
I
Channel-0 receives blue pixel data in active display and HSYNC, VSYNC control signals in blanking.
Rx0-
87
I
Channel-0 negative receiver input
– Negative side of channel-0. TMDS low voltage signal differential input pair.
RxC+
89
I
Clock positive receiver input
– Positive side of reference clock. TMDS low voltage signal differential input pair.
RxC-
90
I
Clock negative receiver input
– Negative side of reference clock. TMDS low voltage signal differential input pair.
Sync detect
– Output to signal when the link is active or inactive. The link is considered to be active when DE is
actively switching. The TFP501 monitors the state DE to determine link activity. SCDT can be tied externally to PDO
SCDT
8
O
to power down the output drivers when the link is inactive.
High: Active link
Low: Inactive link
Output drive strength select
– Selects output drive strength for high or low current drive. (See dc specifications for IOH
and IOL vs ST state).
ST
3
I
High : High drive strength
Low : Low drive strength
Staggered pixel select
– An active low signal used in the 2-pixel/clock pixel mode (PIXS = high). Time staggers the
even and odd pixel outputs to reduce ground bounce. Normal operation outputs the odd and even pixels
simultaneously.
STAG
7
I
High : Normal simultaneous even/odd pixel output
Low: Time staggered even/odd pixel output
VSYNC
47
O
Vertical sync output
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
DVDD, AVDD,
Supply voltage range
-0.3
4
V
OVDD, PVDD
Input voltage range, logic/analog signals
-0.3
4
V
Operating ambient temperature range
0
70
°C
Tstg
Storage temperature range
–65
150
°C
Tc
Case temperature for 10 seconds
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
ESD protection, all pins
Human Body Model
25
kV
JEDEC latchup (EIA/JESD78)
100
mA
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD (DVDD, AVDD,
Supply voltage
3
3.3
3.6
V
PVDD, OVDD)
t(pixel)
(1)
Pixel time
6.06
40
ns
RT
Single ended analog input termination resistance (2)
45
50
57
Ω
TA
Operating free-air temperature
0
25
70
°C
(1)
tpix is the pixel time defined as the period of the RxC clock input. The period of the output clock, ODCK is equal to t(pixel) when in
1-pixel/clock mode and 2 t(pixel) when in 2-pixel/clock mode.
(2)
The TFP501 is internally optimized using a laser trim process to precisely fix the single-ended termination impedance, RT to 50 Ω ±10%.
Copyright
© 2001–2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com