Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP501PZP Datasheet(PDF) 3 Page - Texas Instruments

Part # TFP501PZP
Description  PanelBus HDCP Digital Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP501PZP Datasheet(HTML) 3 Page - Texas Instruments

  TFP501PZP Datasheet HTML 1Page - Texas Instruments TFP501PZP Datasheet HTML 2Page - Texas Instruments TFP501PZP Datasheet HTML 3Page - Texas Instruments TFP501PZP Datasheet HTML 4Page - Texas Instruments TFP501PZP Datasheet HTML 5Page - Texas Instruments TFP501PZP Datasheet HTML 6Page - Texas Instruments TFP501PZP Datasheet HTML 7Page - Texas Instruments TFP501PZP Datasheet HTML 8Page - Texas Instruments TFP501PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
_
+
Latch
Channel 2
_
+
Latch
Channel 1
_
+
Latch
Channel 0
_
+
PLL
T.M.D.S.
Decoder
CH2[9:0]
CH1[9:0]
CH0[9:0]
RED[7:0]
CTL2
GRN[7:0]
CTL1
BLU[7:0]
VSYNC
HSYNC
QE[23:0]
QO[23:0]
ODCK
DE
SCDT
CTL2
CTL1
VSYNC
HSYNC
1.8 V
Regulator
3.3 V
Internal 50 Ω
Termination
Rx2+
Rx2-
Rx1+
Rx1-
Rx0+
Rx0-
RxC+
RxC-
HDCP
Decryption
RED[7:0]
CTL2
GRN[7:0]
CTL1
BLU[7:0]
VSYNC
HSYNC
Panel
Interface
I2C Master I/F
for EEPROM
PROM_SCL
3.3 V
PROM_SDA
Key Decryption
RAM Block
I2C Slave I/F
for DDC
DDC_SCL
DDC_SA
DDC_SDA
I2C Control
Registers
TFP501
www.ti.com
SLDS127C
– JULY 2001 – REVISED JULY 2011
FUNCTIONAL BLOCK DIAGRAM
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
79
Analog Ground - Ground reference and current return for analog circuitry.
AVDD
82, 85, 88, 91
Analog VDD – Power supply for analog circuitry. Nominally 3.3 V
CAP
67
O
Bypass capacito r
– 4.7 µF tantalum and 0.01 µF ceramic capacitors connected to ground.
General-purpose control signals
– Used for user defined control. In normal mode CTL1 is not powered down via
CTL[2:1]
41, 40
O
PDO.
Display data channel_serial address
– I2C Slave address bit A0 for display data channel (DDC). Refer to I2C
DDC_SA
94
I
Interface section for more details.
DDC_SCL
92
I/O
Display data channel_serial clock
– I2C Clock for the DDC. External pullup resistors = 10 kΩ and 3.3 V tolerant.
DDC_SDA
93
I/O
Display data channel_serial data
– I2C Data for the DDC. External pullup resistors = 10 kΩ and 3.3 V tolerant.
Output data enable
– Used to indicate time of active video display versus nonactive display or blanking interval.
During blanking, only HSYNC, VSYNC, and CTL1-2 are transmitted. During times of active display, or nonblanking,
only pixel data, QE[23:0] and QO[23:0], is transmitted.
DE
46
O
High : active display interval
Low: blanking interval
Output clock data format
– Controls the output clock (ODCK) format for either TFT or DSTN panel support. For TFT
support ODCK clock runs continuously. For DSTN support ODCK only clocks when DE is high; otherwise, ODCK is
held low when DE is low.
DFO
1
I
High : DSTN support/ODCK held low when DE = low
Low: TFT support/ODCK runs continuously.
DGND
5, 39, 68
Digital ground
– Ground reference and current return for digital core
Copyright
© 2001–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com