Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 26 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 26 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 22Page - Microchip Technology CAP1296 Datasheet HTML 23Page - Microchip Technology CAP1296 Datasheet HTML 24Page - Microchip Technology CAP1296 Datasheet HTML 25Page - Microchip Technology CAP1296 Datasheet HTML 26Page - Microchip Technology CAP1296 Datasheet HTML 27Page - Microchip Technology CAP1296 Datasheet HTML 28Page - Microchip Technology CAP1296 Datasheet HTML 29Page - Microchip Technology CAP1296 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
CAP1296
DS00001569B-page 26
 2013-2015 Microchip Technology Inc.
During power-on reset (POR), the default values are stored in the registers. A POR is initiated when power is first
applied to the part and the voltage on the VDD supply surpasses the POR level as specified in the electrical character-
istics.
When a bit is “set”, this means it’s at a logic ‘1’. When a bit is “cleared”, this means it’s at a logic ‘0’.
5.1
Main Control Register
The Main Control register controls the primary power state of the device (see Section 4.1, "Power States").
If more than one power state bit is set, the actual power state will be as shown in Table 5-3, "Power State Bit Overrides".
Bits 7 - 6 - GAIN[1:0] - Controls the analog gain used by the capacitive touch sensing circuitry. As the gain is increased,
the effective sensitivity is likewise increased as a smaller delta capacitance is required to generate the same delta count
values. The sensitivity settings may need to be adjusted along with the gain settings such that data overflow does not
occur.
APPLICATION NOTE: The GAIN[1:0] settings apply to both Standby and Active states, unless the COMBO bit is
set. When the COMBO bit is set, this control only applies to the sensors enabled in the
Active state, and the C_GAIN[1:0] control applies to the sensors enabled in the Standby
state.
APPLICATION NOTE: Whenever the gain settings change, the device will recalibrate all sensor inputs as if they
had no base count.
FDh
R
Product ID
Stores a fixed value that identifies
the CAP1296-1
69h
Page 52
FEh
R
Manufacturer ID
Stores a fixed value that identifies
MCHP
5Dh
Page 52
FFh
R
Revision
Stores a fixed value that represents
the revision number
00h
Page 52
TABLE 5-2:
MAIN CONTROL REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
00h
R/W
Main Control
GAIN[1:0]
STBY
DSLEEP
C_GAIN[1:0]
COMBO
INT
00h
TABLE 5-3:
POWER STATE BIT OVERRIDES
DSLEEP
COMBO
STBY
Power State
000
Active
0
0
1
Standby
0
1
X
Combo
1
X
X
DSleep
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default
Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com