Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 14 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 14 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 10Page - Microchip Technology CAP1296 Datasheet HTML 11Page - Microchip Technology CAP1296 Datasheet HTML 12Page - Microchip Technology CAP1296 Datasheet HTML 13Page - Microchip Technology CAP1296 Datasheet HTML 14Page - Microchip Technology CAP1296 Datasheet HTML 15Page - Microchip Technology CAP1296 Datasheet HTML 16Page - Microchip Technology CAP1296 Datasheet HTML 17Page - Microchip Technology CAP1296 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
CAP1296
DS00001569B-page 14
 2013-2015 Microchip Technology Inc.
3.4.2
BLOCK WRITE
The Block Write is used to write multiple data bytes to a group of contiguous registers as shown in Table 3-7.
APPLICATION NOTE: When using the Block Write protocol, the internal address pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 -> 1
TABLE 3-7:
BLOCK WRITE PROTOCOL
Start
Slave
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
1 ->0
0101_000
0
0
XXh
0
XXh
0
Register
Data
ACK
Register
Data
ACK
. . .
Register
Data
ACK
Stop
XXh
0
XXh
0
. . .
XXh
0
0 -> 1
TABLE 3-6:
BLOCK READ PROTOCOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com