Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 44 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 44 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 40Page - Microchip Technology CAP1296 Datasheet HTML 41Page - Microchip Technology CAP1296 Datasheet HTML 42Page - Microchip Technology CAP1296 Datasheet HTML 43Page - Microchip Technology CAP1296 Datasheet HTML 44Page - Microchip Technology CAP1296 Datasheet HTML 45Page - Microchip Technology CAP1296 Datasheet HTML 46Page - Microchip Technology CAP1296 Datasheet HTML 47Page - Microchip Technology CAP1296 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
CAP1296
DS00001569B-page 44
 2013-2015 Microchip Technology Inc.
Note 5-1
Recalibration Samples refers to the number of samples that are measured and averaged before the
Base Count is updated however does not control the base count update period.
Note 5-2
Update Time refers to the amount of time (in sensing cycle periods) that elapses before the Base
Count is updated. The time will depend upon the number of channels enabled, the averaging setting,
and the programmed sensing cycle time.
5.19
Sensor Input Threshold Registers
The Sensor Input Threshold registers store the delta threshold that is used to determine if a touch has been detected.
When a touch occurs, the input signal of the corresponding sensor pad changes due to the capacitance associated with
a touch. If the sensor input change exceeds the threshold settings, a touch is detected.
When the BUT_LD_TH bit is set (see Section 5.18 - bit 7), writing data to the Sensor Input 1 Threshold register will
update all of the Sensor Input Threshold registers (31h - 35h inclusive).
TABLE 5-34:
CAL_CFG BIT DECODE
CAL_CFG[2:0]
Recalibration Samples
(see Note 5-1)
Update Time (see
Note 5-2)
21
0
0
0
0
16
16
00
1
32
32
0
1
0
64
64 (default)
0
1
1
128
128
10
0
256
256
1
0
1
256
1024
1
1
0
256
2048
1
1
1
256
4096
TABLE 5-35:
SENSOR INPUT THRESHOLD REGISTERS
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
30h
R/W
Sensor Input 1
Threshold
-64
32
16
8
4
2
1
40h
31h
R/W
Sensor Input 2
Threshold
-64
32
16
8
4
2
1
40h
32h
R/W
Sensor Input 3
Threshold
-64
32
16
8
4
2
1
40h
33h
R/W
Sensor Input 4
Threshold
-64
32
16
8
4
2
1
40h
34h
R/W
Sensor Input 5
Threshold
-64
32
16
8
4
2
1
40h
35h
R/W
Sensor Input 6
Threshold
-64
32
16
8
4
2
1
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com