Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 1 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 1 Page - Microchip Technology

  CAP1296 Datasheet HTML 1Page - Microchip Technology CAP1296 Datasheet HTML 2Page - Microchip Technology CAP1296 Datasheet HTML 3Page - Microchip Technology CAP1296 Datasheet HTML 4Page - Microchip Technology CAP1296 Datasheet HTML 5Page - Microchip Technology CAP1296 Datasheet HTML 6Page - Microchip Technology CAP1296 Datasheet HTML 7Page - Microchip Technology CAP1296 Datasheet HTML 8Page - Microchip Technology CAP1296 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 1
General Description
The CAP1296 is a multiple channel capacitive touch
sensor controller. It contains six (6) individual capaci-
tive touch sensor inputs with programmable sensitivity
for use in touch sensor applications. Each sensor input
is calibrated to compensate for system parasitic capac-
itance and automatically recalibrated to compensate
for gradual environmental changes.
In addition, the CAP1296 can be configured to detect
proximity on one or more channels with an optional sig-
nal guard to reduce noise sensitivity and to isolate the
proximity antenna from nearby conductive surfaces
that would otherwise attenuate the e-field.
The CAP1296 includes Multiple Pattern Touch recogni-
tion that allows the user to select a specific set of but-
tons to be touched simultaneously. If this pattern is
detected, a status bit is set and an interrupt is gener-
ated.
The CAP1296 has Active and Standby states, each
with its own sensor input configuration controls. The
Combo state allows a combination of sensor input con-
trols to be used which enables one or more sensor
inputs to operate as buttons while another sensor input
is operating as a proximity detector. Power consump-
tion in the Standby and Combo states is dependent on
the number of sensor inputs enabled as well as averag-
ing, sampling time, and cycle time. Deep Sleep is the
lowest power state available, drawing 5µA (typical) of
current. In this state, no sensor inputs are active, and
communications will wake the device.
Applications
• Desktop and Notebook PCs
• LCD Monitors
• Consumer Electronics
• Appliances
Features
• Six (6) Capacitive Touch Sensor Inputs
- Programmable sensitivity
- Automatic recalibration
- Calibrates for parasitic capacitance
- Individual thresholds for each button
• Proximity Detection
• Signal Guard
- Isolates the proximity antenna from attenua-
tion
- Reduces system noise sensitivity effects on
inputs
• Multiple Button Pattern Detection
• Power Button Support
• Press and Hold Feature for Volume-like Applica-
tions
• 3.3V or 5V Supply
• Analog Filtering for System Noise Sources
• RF Detection and Avoidance Filters
• Digital EMI Blocker
• 8kV ESD Rating on All Pins (HBM)
• Low Power Operation
- 5µA quiescent current in Deep Sleep
- 50µA quiescent current in Standby (1 sensor
input monitored)
- Samples one or more channels in Standby
• SMBus / I2C Compliant Communication Interface
• Available in a 10-pin 3mm x 3mm DFN RoHS
compliant package
CAP1296
6-Channel Capacitive Touch Sensor with Proximity
Detection & Signal Guard


Similar Part No. - CAP1296

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1293 MICROCHIP-CAP1293 Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1293-1-AC3-TR MICROCHIP-CAP1293-1-AC3-TR Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1293-2-SN-TR MICROCHIP-CAP1293-2-SN-TR Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1298 MICROCHIP-CAP1298 Datasheet
849Kb / 68P
8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
07/14/15
More results

Similar Description - CAP1296

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1293 MICROCHIP-CAP1293 Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com