Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 43 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 43 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 39Page - Microchip Technology CAP1296 Datasheet HTML 40Page - Microchip Technology CAP1296 Datasheet HTML 41Page - Microchip Technology CAP1296 Datasheet HTML 42Page - Microchip Technology CAP1296 Datasheet HTML 43Page - Microchip Technology CAP1296 Datasheet HTML 44Page - Microchip Technology CAP1296 Datasheet HTML 45Page - Microchip Technology CAP1296 Datasheet HTML 46Page - Microchip Technology CAP1296 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 43
CAP1296
5.18
Recalibration Configuration Register
The Recalibration Configuration register controls some recalibration routine settings (see Section 4.4, "Sensor Input
Calibration") as well as advanced controls to program the Sensor Input Threshold register settings.
Bit 7 - BUT_LD_TH - Enables setting all Sensor Input Threshold registers by writing to the Sensor Input 1 Threshold
register.
• ‘0’ - Each Sensor Input X Threshold register is updated individually.
• ‘1’ (default) - Writing the Sensor Input 1 Threshold register will automatically overwrite the Sensor Input Threshold
registers for all sensor inputs (Sensor Input Threshold 1 through Sensor Input Threshold 6). The individual Sensor
Input X Threshold registers (Sensor Input 2 Threshold through Sensor Input 6 Threshold) can be individually
updated at any time.
Bit 6 - NO_CLR_INTD - Controls whether the accumulation of intermediate data is cleared if the noise status bit is set.
• ‘0’ (default) - The accumulation of intermediate data is cleared if the noise status bit is set.
• ‘1’ - The accumulation of intermediate data is not cleared if the noise status bit is set.
APPLICATION NOTE: Bits 5 and 6 should both be set to the same value. Either both should be set to ‘0’ or both
should be set to ‘1’.
Bit 5 - NO_CLR_NEG - Controls whether the consecutive negative delta counts counter is cleared if the noise status bit
is set.
‘0’ (default) - The consecutive negative delta counts counter is cleared if the noise status bit is set.
‘1’ - The consecutive negative delta counts counter is not cleared if the noise status bit is set.
Bits 4 - 3 - NEG_DELTA_CNT[1:0] - Determines the number of negative delta counts necessary to trigger a digital reca-
libration (see Section 4.4.2, "Negative Delta Count Recalibration"), as shown in Table 5-33.
Bits 2 - 0 - CAL_CFG[2:0] - Determines the update time and number of samples of the automatic recalibration routine
(see Section 4.4.1, "Automatic Recalibration"). The settings apply to all sensor inputs universally (though individual sen-
sor inputs can be configured to support recalibration - see Section 5.10.1).
TABLE 5-32:
RECALIBRATION CONFIGURATION REGISTERS
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
NO_CLR
_INTD
NO_CLR
_NEG
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
8Ah
TABLE 5-33:
NEG_DELTA_CNT BIT DECODE
NEG_DELTA_CNT[1:0]
Number of Consecutive Negative Delta Count Values
10
00
8
0
1
16 (default)
10
32
1
1
None (disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com