Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 38 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 38 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 34Page - Microchip Technology CAP1296 Datasheet HTML 35Page - Microchip Technology CAP1296 Datasheet HTML 36Page - Microchip Technology CAP1296 Datasheet HTML 37Page - Microchip Technology CAP1296 Datasheet HTML 38Page - Microchip Technology CAP1296 Datasheet HTML 39Page - Microchip Technology CAP1296 Datasheet HTML 40Page - Microchip Technology CAP1296 Datasheet HTML 41Page - Microchip Technology CAP1296 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
CAP1296
DS00001569B-page 38
 2013-2015 Microchip Technology Inc.
APPLICATION NOTE: In the case above, bits can be set by host or are automatically set by the device whenever
a sensor input is newly enabled (such as coming out of Deep Sleep, after power-on reset,
when a bit is set in the Sensor Enable Channel Enable register (21h) and the device is in
the Active state, or when a bit is set in the Standby Channel Enable Register (40h) and the
device is in the Standby state).
2.
It serves as an indicator of an analog calibration failure. If any of the bits could not be cleared, the ACAL_FAIL
bit is set (see Section 5.2, "Status Registers"). A bit will fail to clear if a noise bit is set or if the calibration value
is at the maximum or minimum value.
APPLICATION NOTE: In the case above, do not check the Calibration Activate and Status bits for failures unless
the ACAL_FAIL bit is set. In addition, if a sensor input is newly enabled, do not check the
Calibration Activate and Status bits until time has elapsed to complete calibration on the
sensor input. Otherwise, the ACAL_FAIL bit may be set for one sensor input, but the newly
enabled sensor input may still be set to ‘1’ in the Calibration Activate and Status, not because
it failed, but because it has not been calibrated yet.
For all bits in this register:
• ‘0’ - No action needed.
• ‘1’ - Writing a ‘1’, forces a calibration on the corresponding sensor input. If the ACAL_FAIL flag is set and this bit is
set (see application note above), the sensor input could not complete analog calibration.
Bit 5 - CS6_CAL - Bit for CS6 input.
Bit 4 - CS5_CAL - Bit for CS5 input.
Bit 3 - CS4_CAL - Bit for CS4 input.
Bit 2 - CS3_CAL - Bit for CS3 input.
Bit 1 - CS2_CAL - Bit for CS2 input.
Bit 0 - CS1_CAL - Bit for CS1 input.
APPLICATION NOTE: Writing a ‘0’ to clear a ‘1’ may cause a planned calibration to be skipped, if the calibration
routine had not reached the sensor input yet.
5.11
Interrupt Enable Register
The Interrupt Enable register determines whether a sensor pad touch or release (if enabled) causes an interrupt (see
Section 4.9, "Interrupts").
For all bits in this register:
• ‘0’ - The ALERT# pin will not be asserted if a touch is detected on the specified sensor input.
• ‘1’ (default) - The ALERT# pin will be asserted if a touch is detected on the specified sensor input.
Bit 5 - CS6_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS6 (associated with the CS6
status bit).
Bit 4 - CS5_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS5 (associated with the CS5
status bit).
Bit 3 - CS4_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS4 (associated with the CS4
status bit).
Bit 2 - CS3_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS3 (associated with the CS3
status bit).
TABLE 5-23:
INTERRUPT ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5
B4B3B2B1B0
Default
27h
R/W
Interrupt
Enable
--
CS6_
INT_EN
CS5_
INT_EN
CS4_
INT_EN
CS3_
INT_EN
CS2_
INT_EN
CS1_
INT_EN
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com