Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 41 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 41 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 37Page - Microchip Technology CAP1296 Datasheet HTML 38Page - Microchip Technology CAP1296 Datasheet HTML 39Page - Microchip Technology CAP1296 Datasheet HTML 40Page - Microchip Technology CAP1296 Datasheet HTML 41Page - Microchip Technology CAP1296 Datasheet HTML 42Page - Microchip Technology CAP1296 Datasheet HTML 43Page - Microchip Technology CAP1296 Datasheet HTML 44Page - Microchip Technology CAP1296 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 41
CAP1296
tern Register"). When using pattern recognition mode, if all of the sensor inputs set by the Multiple Touch Pattern
register have a delta count greater than the MTP threshold or have their corresponding Noise Flag Status bits
set, the MTP bit will be set. When using the absolute number mode, if the number of sensor inputs with thresholds
above the MTP threshold or with Noise Flag Status bits set is equal to or greater than this number, the MTP bit
will be set.
3.
When an MTP event occurs, all touches are blocked and an interrupt is generated.
4.
All sensor inputs will remain blocked so long as the requisite number of sensor inputs are above the MTP thresh-
old or have Noise Flag Status bits set. Once this condition is removed, touch detection will be restored. Note that
the MTP status bit is only cleared by writing a ‘0’ to the INT bit once the condition has been removed.
Bit 7 - MTP_EN - Enables the multiple touch pattern detection circuitry.
• ‘0’ (default) - The MTP detection circuitry is disabled.
• ‘1’ - The MTP detection circuitry is enabled.
Bits 3 - 2 - MTP_TH[1:0] - Determine the MTP threshold, as shown in Table 5-29. This threshold is a percentage of sen-
sor input threshold (see Section 5.19, "Sensor Input Threshold Registers") for inputs enabled in the Active state or of
the standby threshold (see Section 5.24, "Standby Threshold Register") for inputs enabled in the Standby state.
Bit 1 - COMP_PTRN - Determines whether the MTP detection circuitry will use the Multiple Touch Pattern register as a
specific pattern of sensor inputs or as an absolute number of sensor inputs.
• ‘0’ (default) - The MTP detection circuitry will use the Multiple Touch Pattern register bit settings as an absolute
minimum number of sensor inputs that must be above the threshold or have Noise Flag Status bits set. The num-
ber will be equal to the number of bits set in the register.
• ‘1’ - The MTP detection circuitry will use pattern recognition. Each bit set in the Multiple Touch Pattern register
indicates a specific sensor input that must have a delta count greater than the MTP threshold or have a Noise Flag
Status bit set. If the criteria are met, the MTP status bit will be set.
Bit 0 - MTP_ALERT - Enables an interrupt if an MTP event occurs. In either condition, the MTP status bit will be set.
• ‘0’ (default) - If an MTP event occurs, the ALERT# pin is not asserted.
• ‘1’ - If an MTP event occurs, the ALERT# pin will be asserted.
5.16
Multiple Touch Pattern Register
TABLE 5-29:
MTP_TH BIT DECODE
MTP_TH[1:0]
Threshold Divide Setting
10
0
0
12.5% (default)
01
25%
10
37.5%
1
1
100%
TABLE 5-30:
MULTIPLE TOUCH PATTERN REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Dh
R/W
Multiple
Touch
Pattern
--
CS6_
PTRN
CS5_
PTRN
CS4_
PTRN
CS3_
PTRN
CS2_
PTRN
CS1_
PTRN
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com