Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 33 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 33 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 29Page - Microchip Technology CAP1296 Datasheet HTML 30Page - Microchip Technology CAP1296 Datasheet HTML 31Page - Microchip Technology CAP1296 Datasheet HTML 32Page - Microchip Technology CAP1296 Datasheet HTML 33Page - Microchip Technology CAP1296 Datasheet HTML 34Page - Microchip Technology CAP1296 Datasheet HTML 35Page - Microchip Technology CAP1296 Datasheet HTML 36Page - Microchip Technology CAP1296 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 33
CAP1296
5.7
Sensor Input Enable Register
The Sensor Input Enable register determines whether a capacitive touch sensor input is included in the sensing cycle
in the Active state.
For all bits in this register:
• ‘0’ - The specified input is not included in the sensing cycle in the Active state.
• ‘1’ (default) - The specified input is included in the sensing cycle in the Active state.
Bit 5 - CS6_EN - Determines whether the CS6 input is monitored in the Active state.
Bit 4 - CS5_EN - Determines whether the CS5 input is monitored in the Active state.
Bit 3 - CS4_EN - Determines whether the CS4 input is monitored in the Active state.
Bit 2 - CS3_EN - Determines whether the CS3 input is monitored in the Active state.
Bit 1 - CS2_EN - Determines whether the CS2 input is monitored in the Active state.
Bit 0 - CS1_EN - Determines whether the CS1 input is monitored in the Active state.
5.8
Sensor Input Configuration Register
The Sensor Input Configuration Register controls timings associated with the capacitive sensor inputs.
Bits 7 - 4 - MAX_DUR[3:0] - (default 1010b) - Determines the maximum time that a sensor pad is allowed to be touched
until the capacitive touch sensor input is recalibrated (see Section 4.4.3, "Delayed Recalibration"), as shown in Table 5-
14.
TABLE 5-12:
SENSOR INPUT ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5B4B3B2B1B0
Default
21h
R/W
Sensor Input
Enable
-
-
CS6_EN
CS5_EN
CS4_EN
CS3_EN
CS2_EN
CS1_EN
3Fh
TABLE 5-13:
SENSOR INPUT CONFIGURATION REGISTER
Addr
R/W
Register
B7
B6
B5B4B3B2B1B0
Default
22h
R/W
Sensor Input
Configuration
MAX_DUR[3:0]
RPT_RATE[3:0]
A4h
TABLE 5-14:
MAX_DUR BIT DECODE
MAX_DUR[3:0]
Time before Recalibration
32
1
0
0
0
0
0
560ms
0
0
0
1
840ms
0
0
1
0
1120ms
0
0
1
1
1400ms
0
1
0
0
1680ms
0
1
0
1
2240ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com