Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 61 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 61 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 57Page - Microchip Technology CAP1296 Datasheet HTML 58Page - Microchip Technology CAP1296 Datasheet HTML 59Page - Microchip Technology CAP1296 Datasheet HTML 60Page - Microchip Technology CAP1296 Datasheet HTML 61Page - Microchip Technology CAP1296 Datasheet HTML 62Page - Microchip Technology CAP1296 Datasheet HTML 63Page - Microchip Technology CAP1296 Datasheet HTML 64Page - Microchip Technology CAP1296 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 61
CAP1296
FIGURE 6-8:
CAP1296 PACKAGE MARKING
2 9 W W
N N N A
PIN 1
2 9W
NN N A
e4
TOP
BOTTOM
Bottom marking not allowed
PB-FREE/GREEN SYMBOL
(Ni/Pd PP-LF)
PIN 1
2x 0.6
Line 1 – Device Code, Week
Line 2 – Alphanumeric Traceability Code
W
Lines 1-2:
Line 3:
Center Horizontal Alignment
As Shown
H 4W
NN N A
e4
TOP
BOTTOM
Bottom marking not allowed
PB-FREE/GREEN SYMBOL
(Ni/Pd PP-LF)
PIN 1
2x 0.6
Line 1 – Device Code, Week
Line 2 – Alphanumeric Traceability Code
W
Lines 1-2:
Line 3:
Center Horizontal Alignment
As Shown
Line 1 – Device Code, Week
Line 2 – Alphanumeric Traceability Code
Line 1 – Device Code, Week
Line 2 – Alphanumeric Traceability Code
H 4 W W
N N N A
PIN 1
Pb-Free JEDEC® designator for Matte Tin (Sn)
Pb-Free JEDEC® designator for Matte Tin (Sn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com