Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 34 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 34 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 30Page - Microchip Technology CAP1296 Datasheet HTML 31Page - Microchip Technology CAP1296 Datasheet HTML 32Page - Microchip Technology CAP1296 Datasheet HTML 33Page - Microchip Technology CAP1296 Datasheet HTML 34Page - Microchip Technology CAP1296 Datasheet HTML 35Page - Microchip Technology CAP1296 Datasheet HTML 36Page - Microchip Technology CAP1296 Datasheet HTML 37Page - Microchip Technology CAP1296 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
CAP1296
DS00001569B-page 34
 2013-2015 Microchip Technology Inc.
Bits 3 - 0 - RPT_RATE[3:0] - (default 0100b) Determines the time duration between interrupt assertions when auto
repeat is enabled (see Section 4.9.2, "Capacitive Sensor Input Interrupt Behavior"). The resolution is 35ms and the
range is from 35ms to 560ms as shown in Table 5-15.
0
1
1
0
2800ms
0
1
1
1
3360ms
1
0
0
0
3920ms
1
0
0
1
4480ms
1
0
1
0
5600ms (default)
1
0
1
1
6720ms
1
1
0
0
7840ms
1
1
0
1
8906ms
1
1
1
0
10080ms
1
1
1
1
11200ms
TABLE 5-15:
RPT_RATE BIT DECODE
RPT_RATE[3:0]
Interrupt Repeat Rate
32
1
0
00
0
0
35ms
00
0
1
70ms
0
0
1
0
105ms
0
0
1
1
140ms
0
1
0
0
175ms (default)
0
1
0
1
210ms
0
1
1
0
245ms
0
1
1
1
280ms
1
0
0
0
315ms
1
0
0
1
350ms
1
0
1
0
385ms
1
0
1
1
420ms
1
1
0
0
455ms
1
1
0
1
490ms
TABLE 5-14:
MAX_DUR BIT DECODE (CONTINUED)
MAX_DUR[3:0]
Time before Recalibration
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com