Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 36 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 36 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 32Page - Microchip Technology CAP1296 Datasheet HTML 33Page - Microchip Technology CAP1296 Datasheet HTML 34Page - Microchip Technology CAP1296 Datasheet HTML 35Page - Microchip Technology CAP1296 Datasheet HTML 36Page - Microchip Technology CAP1296 Datasheet HTML 37Page - Microchip Technology CAP1296 Datasheet HTML 38Page - Microchip Technology CAP1296 Datasheet HTML 39Page - Microchip Technology CAP1296 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
CAP1296
DS00001569B-page 36
 2013-2015 Microchip Technology Inc.
5.10
Averaging and Sampling Configuration Register
The Averaging and Sampling Configuration register controls the number of samples taken and the target sensing cycle
time for sensor inputs enabled in the Active state.
Bits 6 - 4 - AVG[2:0] - Determines the number of samples that are taken for all channels enabled in the Active state
during the sensing cycle as shown in Table 5-19. All samples are taken consecutively on the same channel before the
next channel is sampled and the result is averaged over the number of samples measured before updating the mea-
sured results.
For example, if CS1, CS2, and CS3 are sampled during the sensing cycle, and the AVG[2:0] bits are set to take 4 sam-
ples per channel, then the full sensing cycle will be: CS1, CS1, CS1, CS1, CS2, CS2, CS2, CS2, CS3, CS3, CS3, CS3.
Bits 3 - 2 - SAMP_TIME[1:0] - Determines the time to take a single sample as shown in Table 5-20. Sample time affects
the magnitude of the base counts, as shown in Table 4-1, "Ideal Base Counts".
1
1
1
0
525ms
1
1
1
1
560ms
TABLE 5-18:
AVERAGING AND SAMPLING CONFIGURATION REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
24h
R/W
Averaging and
Sampling
Config
-
AVG[2:0]
SAMP_TIME[1:0]
CYCLE_TIME
[1:0]
39h
TABLE 5-19:
AVG BIT DECODE
AVG[2:0]
Number Of Samples Taken Per
Measurement
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
TABLE 5-17:
M_PRESS BIT DECODE (CONTINUED)
M_PRESS[3:0]
M_PRESS Settings
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com