Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 28 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 28 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 24Page - Microchip Technology CAP1296 Datasheet HTML 25Page - Microchip Technology CAP1296 Datasheet HTML 26Page - Microchip Technology CAP1296 Datasheet HTML 27Page - Microchip Technology CAP1296 Datasheet HTML 28Page - Microchip Technology CAP1296 Datasheet HTML 29Page - Microchip Technology CAP1296 Datasheet HTML 30Page - Microchip Technology CAP1296 Datasheet HTML 31Page - Microchip Technology CAP1296 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
CAP1296
DS00001569B-page 28
 2013-2015 Microchip Technology Inc.
5.2
Status Registers
All status bits are cleared when the device enters Deep Sleep (DSLEEP = ‘1’ - see Section 5.1, "Main Control Register").
5.2.1
GENERAL STATUS - 02H
Bit 6 - BC_OUT - Indicates that the base count is out of limit for one or more enabled sensor inputs (see Section 4.4,
"Sensor Input Calibration"). This bit will not be cleared until all enabled sensor inputs have base counts within the limit.
• ‘0’ - All enabled sensor inputs have base counts in the operating range.
• ‘1’ - One or more enabled sensor inputs has the base count out of limit. A status bit is set in the Base Count Out of
Limit Register (see Section 5.17, "Base Count Out of Limit Register").
Bit 5 - ACAL_FAIL - Indicates analog calibration failure for one or more enabled sensor inputs (see Section 4.4, "Sensor
Input Calibration"). This bit will not be cleared until all enabled sensor inputs have successfully completed analog cali-
bration.
• ‘0’ - All enabled sensor inputs were successfully calibrated.
• ‘1’ - One or more enabled sensor inputs failed analog calibration. A status bit is set in the Calibration Active Regis-
ter (see Section 5.10.1, "Calibration Activate and Status Register").
Bit 4 - PWR - Indicates that the designated power button has been held for the designated time (see Section 4.6, "Power
Button"). This bit will cause the INT bit to be set. This bit is cleared when the INT bit is cleared if there is no longer a
touch on the power button.
• ‘0’ - The power button has not been held for the required time or is not enabled.
• ‘1’ - The power button has been held for the required time.
Bit 2 - MULT - Indicates that the device is blocking detected touches due to the Multiple Touch detection circuitry (see
Section 5.14, "Multiple Touch Configuration Register"). This bit will not cause the INT bit to be set and hence will not
cause an interrupt.
Bit 1 - MTP - Indicates that the device has detected a number of sensor inputs that exceed the MTP threshold either via
the pattern recognition or via the number of sensor inputs (see Section 5.15, "Multiple Touch Pattern Configuration Reg-
ister"). This bit will cause the INT bit to be set if the MTP_ALERT bit is also set. This bit is cleared when the INT bit is
cleared if the condition that caused it to be set has been removed.
Bit 0 - TOUCH - Indicates that a touch was detected. This bit is set if any bit in the Sensor Input Status register is set.
5.2.2
SENSOR INPUT STATUS - 03H
The Sensor Input Status Register stores status bits that indicate a touch has been detected. A value of ‘0’ in any bit
indicates that no touch has been detected. A value of ‘1’ in any bit indicates that a touch has been detected.
All bits are cleared when the INT bit is cleared and if a touch on the respective capacitive touch sensor input is no longer
present. If a touch is still detected, the bits will not be cleared (but this will not cause the interrupt to be asserted).
Bit 5 - CS6 - Indicates that a touch was detected on Sensor Input 6.
Bit 4 - CS5 - Indicates that a touch was detected on Sensor Input 5.
Bit 3 - CS4 - Indicates that a touch was detected on Sensor Input 4.
Bit 2 - CS3 - Indicates that a touch was detected on Sensor Input 3.
Bit 1 - CS2 - Indicates that a touch was detected on Sensor Input 2.
Bit 0 - CS1 - Indicates that a touch was detected on Sensor Input 1.
TABLE 5-5:
STATUS REGISTERS
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
02h
R
General Status
-
BC_
OUT
ACAL
_FAIL
PWR
-
MULT
MTP
TOUCH
00h
03h
R
Sensor Input
Status
-
-
CS6
CS5
CS4
CS3
CS2
CS1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com