Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1296 Datasheet(PDF) 45 Page - Microchip Technology

Part # CAP1296
Description  6-Channel Capacitive Touch Sensor with Proximity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1296 Datasheet(HTML) 45 Page - Microchip Technology

Back Button CAP1296 Datasheet HTML 41Page - Microchip Technology CAP1296 Datasheet HTML 42Page - Microchip Technology CAP1296 Datasheet HTML 43Page - Microchip Technology CAP1296 Datasheet HTML 44Page - Microchip Technology CAP1296 Datasheet HTML 45Page - Microchip Technology CAP1296 Datasheet HTML 46Page - Microchip Technology CAP1296 Datasheet HTML 47Page - Microchip Technology CAP1296 Datasheet HTML 48Page - Microchip Technology CAP1296 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
 2013-2015 Microchip Technology Inc.
DS00001569B-page 45
CAP1296
5.20
Sensor Input Noise Threshold Register
The Sensor Input Noise Threshold register controls the value of a secondary internal threshold to detect noise and
improve the automatic recalibration routine. If a capacitive touch sensor input exceeds the Sensor Input Noise Threshold
but does not exceed the sensor input threshold, it is determined to be caused by a noise spike. That sample is not used
by the automatic recalibration routine. This feature can be disabled by setting the DIS_DIG_NOISE bit.
Bits 1-0 - CS1_BN_TH[1:0] - Controls the noise threshold for all capacitive touch sensor inputs, as shown in Table 5-37.
The threshold is proportional to the threshold setting.
5.21
Standby Channel Register
The Standby Channel register controls which (if any) capacitive touch sensor inputs are enabled in Standby (see Section
4.3.1.2, "Standby State Sensing Settings").
For all bits in this register:
• ‘0’ (default) - The specified channel will not be monitored in Standby.
• ‘1’ - The specified channel will be monitored in Standby. It will use the standby threshold setting, and the standby
averaging and sensitivity settings.
Bit 5 - CS6_STBY - Controls whether the CS6 channel is enabled in Standby.
Bit 4 - CS5_STBY - Controls whether the CS5 channel is enabled in Standby.
Bit 3 - CS4_STBY - Controls whether the CS4 channel is enabled in Standby.
Bit 2 - CS3_STBY - Controls whether the CS3 channel is enabled in Standby.
Bit 1 - CS2_STBY - Controls whether the CS2 channel is enabled in Standby.
Bit 0 - CS1_STBY - Controls whether the CS1 channel is enabled in Standby.
TABLE 5-36:
SENSOR INPUT NOISE THRESHOLD REGISTER
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
38h
R/W
Sensor Input
Noise Threshold
-
-
--
--
CS_BN_TH
[1:0]
01h
TABLE 5-37:
CSX_BN_TH BIT DECODE
CS_BN_TH[1:0]
Percent Threshold Setting
10
00
25%
0
1
37.5% (default)
10
50%
11
62.5%
TABLE 5-38:
STANDBY CHANNEL REGISTER
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
40h
R/W
Standby
Channel
--
CS6_
STBY
CS5_
STBY
CS4_
STBY
CS3_
STBY
CS2_
STBY
CS1_
STBY
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com