Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 24 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 24 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 20Page - Microchip Technology CAP1293 Datasheet HTML 21Page - Microchip Technology CAP1293 Datasheet HTML 22Page - Microchip Technology CAP1293 Datasheet HTML 23Page - Microchip Technology CAP1293 Datasheet HTML 24Page - Microchip Technology CAP1293 Datasheet HTML 25Page - Microchip Technology CAP1293 Datasheet HTML 26Page - Microchip Technology CAP1293 Datasheet HTML 27Page - Microchip Technology CAP1293 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
CAP1293
DS00001566B-page 24
 2013-2015 Microchip Technology Inc.
During power-on reset (POR), the default values are stored in the registers. A POR is initiated when power is first
applied to the part and the voltage on the VDD supply surpasses the POR level as specified in the electrical character-
istics.
When a bit is “set”, this means it’s at a logic ‘1’. When a bit is “cleared”, this means it’s at a logic ‘0’.
5.1
Main Control Register
The Main Control register controls the primary power state of the device (see Section 4.1, "Power States").
If more than one power state bit is set, the actual power state will be as shown in Table 5-3, "Power State Bit Overrides".
80h
R/W
Calibration Sensitivity
Configuration
Stores calibration sensitivity settings
for proximity
00h
Page 48
Calibration Registers
B1h
R
Sensor Input 1
Calibration
Stores the upper 8-bit calibration
value for CS1
00h
Page 48
B2h
R
Sensor Input 2
Calibration
Stores the upper 8-bit calibration
value for CS2
00h
Page 48
B3h
R
Sensor Input 3
Calibration
Stores the upper 8-bit calibration
value for CS3
00h
Page 48
B9h
R
Sensor Input
Calibration LSB 1
Stores the 2 LSBs of the calibration
value for CS1 - CS3
00h
Page 48
ID Registers
FDh
R
Product ID
Stores a fixed value that identifies
the CAP1293-1
6Fh
Page 49
FEh
R
Manufacturer ID
Stores a fixed value that identifies
MCHP
5Dh
Page 49
FFh
R
Revision
Stores a fixed value that represents
the revision number
00h
Page 49
TABLE 5-2:
MAIN CONTROL REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
00h
R/W
Main Control
GAIN[1:0]
STBY
DSLEEP
C_GAIN[1:0]
COMBO
INT
00h
TABLE 5-3:
POWER STATE BIT OVERRIDES
DSLEEP
COMBO
STBY
Power State
000
Active
0
0
1
Standby
0
1
X
Combo
1
X
X
DSleep
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default
Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com