Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 47 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 47 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 43Page - Microchip Technology CAP1293 Datasheet HTML 44Page - Microchip Technology CAP1293 Datasheet HTML 45Page - Microchip Technology CAP1293 Datasheet HTML 46Page - Microchip Technology CAP1293 Datasheet HTML 47Page - Microchip Technology CAP1293 Datasheet HTML 48Page - Microchip Technology CAP1293 Datasheet HTML 49Page - Microchip Technology CAP1293 Datasheet HTML 50Page - Microchip Technology CAP1293 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001566B-page 47
CAP1293
5.27
Power Button Configuration Register
The Power Button Configuration Register controls the length of time that the designated power button must indicate a
touch before an interrupt is generated and the power status indicator is set (see Section 4.6, "Power Button").
Bit 6 - STBY_PWR_EN - Enables the power button feature in the Standby state.
• ‘0’ (default) - The Standby power button circuitry is disabled.
• ‘1’ - The Standby power button circuitry is enabled.
Bits 5 - 4 - STBY_PWR_TIME[1:0] - Determines the overall time, as shown in Table 5-50, that the power button must
be held in the Standby state, in order for an interrupt to be generated and the PWR bit to be set.
Bit 2 - PWR_EN - Enables the power button feature in the Active state.
• ‘0’ (default) - The power button circuitry is disabled in the Active state.
• ‘1’ -The power button circuitry is enabled in the Active state.
Bits 1 - 0 - PWR_TIME[1:0] - Determines the overall time, as shown in Table 5-50, that the power button must be held
in the Active state, in order for an interrupt to be generated and the PWR bit to be set.
TABLE 5-48:
PWR_BTN BIT DECODE
PWR_BTN[2:0]
Sensor Input Designated as Power Button
21
0
00
0
CS1
00
1
CS2
01
0
CS3
TABLE 5-49:
POWER BUTTON CONFIGURATION REGISTER
Addr
R/W
Register
B7
B6
B5B4B3
B2
B1
B0
Default
61h
R/W
Power Button
Configuration
-
STBY_
PWR_
EN
STBY_PWR_
TIME [1:0]
-
PWR_
EN
PWR_TIME [1:0]
22h
TABLE 5-50:
POWER BUTTON TIME BITS DECODE
PWR_TIME[1:0] / STBY_PWR_TIME[1:0]
Power Button Touch Hold Time
10
0
0
280ms
0
1
560ms
1
0
1.12 sec (default)
1
1
2.24 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com