Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 35 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 35 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 31Page - Microchip Technology CAP1293 Datasheet HTML 32Page - Microchip Technology CAP1293 Datasheet HTML 33Page - Microchip Technology CAP1293 Datasheet HTML 34Page - Microchip Technology CAP1293 Datasheet HTML 35Page - Microchip Technology CAP1293 Datasheet HTML 36Page - Microchip Technology CAP1293 Datasheet HTML 37Page - Microchip Technology CAP1293 Datasheet HTML 38Page - Microchip Technology CAP1293 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001566B-page 35
CAP1293
Bits 1 - 0 - CYCLE_TIME[1:0] - Determines the desired sensing cycle time for channels enabled in the Active state, as
shown in Table 5-21. All enabled channels are sampled at the beginning of the sensing cycle. If additional time is
remaining, the device is placed into a lower power state for the remainder of the sensing cycle.
APPLICATION NOTE: The programmed sensing cycle time (CYCLE_TIME[1:0]) is only maintained if the actual time
to take the samples is less than the programmed cycle time. The AVG[2:0] bits will take
priority, so the sensing cycle time will be extended as necessary to accommodate the
number of samples to be measured.
5.10.1
CALIBRATION ACTIVATE AND STATUS REGISTER
The Calibration Activate and Status Register serves a dual function:
1.
It forces the selected sensor inputs to be calibrated, affecting both the analog and digital blocks (see Section 4.4,
"Sensor Input Calibration"). When one or more bits are set, the device performs the calibration routine on the
corresponding sensor inputs. When the analog calibration routine is finished, the CALX[9:0] bits are updated (see
Section 5.28, "Sensor Input Calibration Registers"). If the analog calibration routine completed successfully for a
sensor input, the corresponding bit is automatically cleared.
APPLICATION NOTE: In the case above, bits can be set by host or are automatically set by the device whenever
a sensor input is newly enabled (such as coming out of Deep Sleep, after power-on reset,
when a bit is set in the Sensor Enable Channel Enable register (21h) and the device is in
the Active state, or when a bit is set in the Standby Channel Enable Register (40h) and the
device is in the Standby state).
2.
It serves as an indicator of an analog calibration failure. If any of the bits could not be cleared, the ACAL_FAIL
bit is set (see Section 5.2, "Status Registers"). A bit will fail to clear if a noise bit is set or if the calibration value
is at the maximum or minimum value.
1
1
2.56ms
TABLE 5-21:
CYCLE_TIME BIT DECODE
CYCLE_TIME[1:0]
Programmed Sensing Cycle Time
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms
TABLE 5-22:
CALIBRATION ACTIVATE AND STATUS REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
26h
R/W
Calibration
Activate
and Status
--
-
-
-
CS3_
CAL
CS2_
CAL
CS1_
CAL
00h
TABLE 5-20:
SAMP_TIME BIT DECODE (CONTINUED)
SAMP_TIME[1:0]
Sample Time
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com