Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 11 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 11 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 7Page - Microchip Technology CAP1293 Datasheet HTML 8Page - Microchip Technology CAP1293 Datasheet HTML 9Page - Microchip Technology CAP1293 Datasheet HTML 10Page - Microchip Technology CAP1293 Datasheet HTML 11Page - Microchip Technology CAP1293 Datasheet HTML 12Page - Microchip Technology CAP1293 Datasheet HTML 13Page - Microchip Technology CAP1293 Datasheet HTML 14Page - Microchip Technology CAP1293 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001566B-page 11
CAP1293
3.2.6
SMBUS TIMEOUT
The CAP1293 includes an SMBus timeout feature. Following a 30ms period of inactivity on the SMBus where the
SMCLK pin is held low, the device will timeout and reset the SMBus interface.
The timeout function defaults to disabled. It can be enabled by setting the TIMEOUT bit in the Configuration register
(see Section 5.6, "Configuration Registers").
3.2.7
SMBUS AND I2C COMPATIBILITY
The major differences between SMBus and I2C devices are highlighted here. For more information, refer to the SMBus
2.0 specification.
1.
CAP1293 supports I2C fast mode at 400kHz. This covers the SMBus max time of 100kHz.
2.
Minimum frequency for SMBus communications is 10kHz.
3.
The SMBus client protocol will reset if the clock is held low longer than 30ms (timeout condition). This can be
enabled in the CAP1293 by setting the TIMEOUT bit in the Configuration register. I2C does not have a timeout.
4.
The SMBus client protocol will reset if both the clock and the data line are high for longer than 200us (idle con-
dition). This can be enabled in the CAP1293 by setting the TIMEOUT bit in the Configuration register. I2C does
not have an idle condition.
5.
I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
6.
I2C devices support block read and write differently. I2C protocol allows for unlimited number of bytes to be sent
in either direction. The SMBus protocol requires that an additional data byte indicating number of bytes to read /
write is transmitted. The CAP1293 supports I2C formatting only.
3.3
SMBus Protocols
The CAP1293 is SMBus 2.0 compatible and supports Write Byte, Read Byte, Send Byte, and Receive Byte as valid
protocols as shown below.
All of the below protocols use the convention in Table 3-1.
3.3.1
SMBUS WRITE BYTE
The Write Byte is used to write one byte of data to a specific register as shown in Table 3-2.
3.3.2
SMBUS READ BYTE
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 3-3.
TABLE 3-1:
PROTOCOL FORMAT
Data Sent to
Device
Data Sent to the
HOst
Data sent
Data sent
TABLE 3-2:
WRITE BYTE PROTOCOL
Start
Slave
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
Stop
1 ->0
0101_000
0
0
XXh
0
XXh
0
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com