Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 40 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 40 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 36Page - Microchip Technology CAP1293 Datasheet HTML 37Page - Microchip Technology CAP1293 Datasheet HTML 38Page - Microchip Technology CAP1293 Datasheet HTML 39Page - Microchip Technology CAP1293 Datasheet HTML 40Page - Microchip Technology CAP1293 Datasheet HTML 41Page - Microchip Technology CAP1293 Datasheet HTML 42Page - Microchip Technology CAP1293 Datasheet HTML 43Page - Microchip Technology CAP1293 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
CAP1293
DS00001566B-page 40
 2013-2015 Microchip Technology Inc.
Bit 0 - CS1_PTRN - Determines whether CS1 is considered as part of the Multiple Touch Pattern.
5.17
Base Count Out of Limit Register
The Base Count Out of Limit Register indicates which sensor inputs have base counts out of limit (see Section 4.4, "Sen-
sor Input Calibration"). When these bits are set, the BC_OUT bit is set (see Section 5.2, "Status Registers").
For all bits in this register:
• ‘0’ - The base count for the specified sensor input is in the operating range.
• ‘1’ - The base count of the specified sensor input is not in the operating range.
Bit 2 - BC_OUT_3 - Indicates whether CS3 has a base count out of limit.
Bit 1 - BC_OUT_2 - Indicates whether CS2 has a base count out of limit.
Bit 0 - BC_OUT_1 - Indicates whether CS1 has a base count out of limit.
5.18
Recalibration Configuration Register
The Recalibration Configuration register controls some recalibration routine settings (see Section 4.4, "Sensor Input
Calibration") as well as advanced controls to program the Sensor Input Threshold register settings.
Bit 7 - BUT_LD_TH - Enables setting all Sensor Input Threshold registers by writing to the Sensor Input 1 Threshold
register.
• ‘0’ - Each Sensor Input X Threshold register is updated individually.
• ‘1’ (default) - Writing the Sensor Input 1 Threshold register will automatically overwrite the Sensor Input Threshold
registers for all sensor inputs (Sensor Input Threshold 1 through Sensor Input Threshold 3). The individual Sensor
Input X Threshold registers (Sensor Input 2 Threshold and Sensor Input 3 Threshold) can be individually updated
at any time.
Bit 6 - NO_CLR_INTD - Controls whether the accumulation of intermediate data is cleared if the noise status bit is set.
• ‘0’ (default) - The accumulation of intermediate data is cleared if the noise status bit is set.
• ‘1’ - The accumulation of intermediate data is not cleared if the noise status bit is set.
APPLICATION NOTE: Bits 5 and 6 should both be set to the same value. Either both should be set to ‘0’ or both
should be set to ‘1’.
Bit 5 - NO_CLR_NEG - Controls whether the consecutive negative delta counts counter is cleared if the noise status bit
is set.
‘0’ (default) - The consecutive negative delta counts counter is cleared if the noise status bit is set.
‘1’ - The consecutive negative delta counts counter is not cleared if the noise status bit is set.
TABLE 5-31:
BASE COUNT OUT OF LIMIT REGISTER
Addr
R/W
Register
B7B6B5B4B3B2B1B0
Default
2Eh
R
Base Count
Out of Limit
-----
BC_
OUT_
3
BC_
OUT_
2
BC_
OUT_
1
00h
TABLE 5-32:
RECALIBRATION CONFIGURATION REGISTERS
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
NO_CLR
_INTD
NO_CLR
_NEG
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
8Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com