Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 48 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 48 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 44Page - Microchip Technology CAP1293 Datasheet HTML 45Page - Microchip Technology CAP1293 Datasheet HTML 46Page - Microchip Technology CAP1293 Datasheet HTML 47Page - Microchip Technology CAP1293 Datasheet HTML 48Page - Microchip Technology CAP1293 Datasheet HTML 49Page - Microchip Technology CAP1293 Datasheet HTML 50Page - Microchip Technology CAP1293 Datasheet HTML 51Page - Microchip Technology CAP1293 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
CAP1293
DS00001566B-page 48
 2013-2015 Microchip Technology Inc.
5.28
Sensor Input Calibration Registers
The Sensor Input Calibration registers hold the 10-bit value that represents the last calibration value. The value rep-
resents the capacitance applied to the internal sensing circuits to balance the capacitance of the sensor input pad. Min-
imum (000h) and maximum (3FFh) values indicate analog calibration failure (see Section 4.4, "Sensor Input
Calibration").
5.29
Calibration Sensitivity Configuration Register
CALSENx[1:0] - Controls the gain used by the calibration routine to enable sensor inputs to be more sensitive for prox-
imity detection. Gain is based on capacitance touch pad capacitance ranges, as shown in Table 5-53. Since each sensor
input can have a different pad capacitance, each sensor input has a control.
TABLE 5-51:
SENSOR INPUT CALIBRATION REGISTERS
Addr
Register
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Default
B1h
Sensor Input 1
Calibration
R
CAL1_9
CAL1_8
CAL1_7
CAL1_6
CAL1_5
CAL1_4
CAL1_3
CAL1_2
00h
B2h
Sensor Input 2
Calibration
R
CAL2_9
CAL2_8
CAL2_7
CAL2_6
CAL2_5
CAL2_4
CAL2_3
CAL2_2
00h
B3h
Sensor Input 3
Calibration
R
CAL3_9
CAL3_8
CAL3_7
CAL3_6
CAL3_5
CAL3_4
CAL3_3
CAL3_2
00h
B9h
Sensor Input
Calibration LSB
1
R
--
CAL3_1
CAL3_0
CAL2_1
CAL2_0
CAL1_1
CAL1_0
00h
TABLE 5-52:
CALIBRATION SENSITIVITY CONFIGURATION REGISTER
Addr
Register
R/W
B7B6
B5
B4B3B2B1B0
Default
80h
Calibration
Sensitivity
Config 1
R/W
-
-
CALSEN3[1:0]
CALSEN2[1:0]
CALSEN1[1:0]
00h
TABLE 5-53:
CALSENX BIT DECODE
CALSENx[1:0]
Gain
Capacitive Touch Pad Capacitance
Range
10
0
0
1
5-50pF (default)
01
2
0-25pF
1
0
4
0-12.5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com