Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 20 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 20 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 16Page - Microchip Technology CAP1293 Datasheet HTML 17Page - Microchip Technology CAP1293 Datasheet HTML 18Page - Microchip Technology CAP1293 Datasheet HTML 19Page - Microchip Technology CAP1293 Datasheet HTML 20Page - Microchip Technology CAP1293 Datasheet HTML 21Page - Microchip Technology CAP1293 Datasheet HTML 22Page - Microchip Technology CAP1293 Datasheet HTML 23Page - Microchip Technology CAP1293 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
CAP1293
DS00001566B-page 20
 2013-2015 Microchip Technology Inc.
4.9.3
INTERRUPTS FOR THE POWER BUTTON
Interrupts are automatically enabled for the power button when the feature is enabled (see Section 4.6, "Power Button").
A touch must be held on the power button for the designated period of time before an interrupt is generated.
4.9.4
INTERRUPTS FOR MULTIPLE TOUCH PATTERN DETECTION
An interrupt can be generated when the MTP pattern is matched (see Section 5.15, "Multiple Touch Pattern Configura-
tion Register").
4.9.5
INTERRUPTS FOR SENSOR INPUT CALIBRATION FAILURES
An interrupt can be generated when the ACAL_FAIL bit is set, indicating the failure to complete analog calibration of
one or more sensor inputs(see Section 5.2, "Status Registers"). This interrupt can be enabled by setting the ACAL_-
FAIL_INT bit (see Section 5.6, "Configuration Registers").
FIGURE 4-4:
SENSOR INTERRUPT BEHAVIOR - REPEAT RATE ENABLED
FIGURE 4-5:
SENSOR INTERRUPT BEHAVIOR - NO REPEAT RATE ENABLED
Touch Detected
INT bit
Button Status
Write to INT bit
Sensing Cycle
(35ms)
Min Press Setting
(280ms)
Interrupt on
Touch
Button Repeat Rate
(175ms)
Button Repeat Rate
(175ms)
Interrupt on
Release
(optional)
ALERT# pin
Touch Detected
INT bit
Button Status
Write to INT bit
Sensing Cycle
(35ms)
Interrupt on
Touch
Interrupt on
Release
(optional)
ALERT# pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com