Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 36 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 36 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 32Page - Microchip Technology CAP1293 Datasheet HTML 33Page - Microchip Technology CAP1293 Datasheet HTML 34Page - Microchip Technology CAP1293 Datasheet HTML 35Page - Microchip Technology CAP1293 Datasheet HTML 36Page - Microchip Technology CAP1293 Datasheet HTML 37Page - Microchip Technology CAP1293 Datasheet HTML 38Page - Microchip Technology CAP1293 Datasheet HTML 39Page - Microchip Technology CAP1293 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
CAP1293
DS00001566B-page 36
 2013-2015 Microchip Technology Inc.
APPLICATION NOTE: In the case above, do not check the Calibration Activate and Status bits for failures unless
the ACAL_FAIL bit is set. In addition, if a sensor input is newly enabled, do not check the
Calibration Activate and Status bits until time has elapsed to complete calibration on the
sensor input. Otherwise, the ACAL_FAIL bit may be set for one sensor input, but the newly
enabled sensor input may still be set to ‘1’ in the Calibration Activate and Status, not because
it failed, but because it has not been calibrated yet.
For all bits in this register:
• ‘0’ - No action needed.
• ‘1’ - Writing a ‘1’, forces a calibration on the corresponding sensor input. If the ACAL_FAIL flag is set and this bit is
set (see application note above), the sensor input could not complete analog calibration.
Bit 2 - CS3_CAL - Bit for CS3 input.
Bit 1 - CS2_CAL - Bit for CS2 input.
Bit 0 - CS1_CAL - Bit for CS1 input.
APPLICATION NOTE: Writing a ‘0’ to clear a ‘1’ may cause a planned calibration to be skipped, if the calibration
routine had not reached the sensor input yet.
5.11
Interrupt Enable Register
The Interrupt Enable register determines whether a sensor pad touch or release (if enabled) causes an interrupt (see
Section 4.9, "Interrupts").
For all bits in this register:
• ‘0’ - The ALERT# pin will not be asserted if a touch is detected on the specified sensor input.
• ‘1’ (default) - The ALERT# pin will be asserted if a touch is detected on the specified sensor input.
Bit 2 - CS3_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS3 (associated with the CS3
status bit).
Bit 1 - CS2_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS2 (associated with the CS2
status bit).
Bit 0 - CS1_INT_EN - Enables the ALERT# pin to be asserted if a touch is detected on CS1 (associated with the CS1
status bit).
5.12
Repeat Rate Enable Register
The Repeat Rate Enable register enables the repeat rate of the sensor inputs as described in Section 4.9.2, "Capacitive
Sensor Input Interrupt Behavior".
For all bits in this register:
• ‘0’ - The repeat rate for the specified sensor input is disabled. It will only generate an interrupt when a touch is
TABLE 5-23:
INTERRUPT ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5
B4B3B2B1B0
Default
27h
R/W
Interrupt
Enable
--
-
-
-
CS3_
INT_EN
CS2_
INT_EN
CS1_
INT_EN
07h
TABLE 5-24:
REPEAT RATE ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5
B4B3B2B1
B0
Default
28h
R/W
Repeat Rate
Enable
--
-
-
-
CS3_
RPT_EN
CS2_
RPT_EN
CS1_
RPT_EN
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com