Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 37 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 37 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 33Page - Microchip Technology CAP1293 Datasheet HTML 34Page - Microchip Technology CAP1293 Datasheet HTML 35Page - Microchip Technology CAP1293 Datasheet HTML 36Page - Microchip Technology CAP1293 Datasheet HTML 37Page - Microchip Technology CAP1293 Datasheet HTML 38Page - Microchip Technology CAP1293 Datasheet HTML 39Page - Microchip Technology CAP1293 Datasheet HTML 40Page - Microchip Technology CAP1293 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001566B-page 37
CAP1293
detected and when a release is detected (if enabled) no matter how long the touch is held.
• ‘1’ (default) - The repeat rate for the specified sensor input is enabled. In the case of a “touch” event, it will gener-
ate an interrupt when a touch is detected and a release is detected (as determined by the INT_REL_n bit - see
Section 5.6, "Configuration Registers"). In the case of a “press and hold” event, it will generate an interrupt when a
touch is detected and at the repeat rate so long as the touch is held.
Bit 2 - CS3_RPT_EN - Enables the repeat rate for capacitive touch sensor input 3.
Bit 1 - CS2_RPT_EN - Enables the repeat rate for capacitive touch sensor input 2.
Bit 0 - CS1_RPT_EN - Enables the repeat rate for capacitive touch sensor input 1.
5.13
Signal Guard Enable Register
The Signal Guard Enable register enables the signal guard for the specified sensor inputs as described in Section 4.5.1,
"Signal Guard". When the signal guard is enabled, CS2 is disabled.
For all bits in this register:
• ‘0’ (default) - The signal guard is disabled for the specified sensor input.
• ‘1’ - The signal guard is enabled for the specified sensor input.
Bit 2 - CS3_SG_EN - Enables the signal guard for capacitive touch sensor input 3.
Bit 0 - CS1_SG_EN - Enables the signal guard for capacitive touch sensor input 1.
5.14
Multiple Touch Configuration Register
The Multiple Touch Configuration register controls the settings for the multiple touch detection circuitry. These settings
determine the number of simultaneous buttons that may be pressed before additional buttons are blocked and the MULT
status bit is set.
Bit 7 - MULT_BLK_EN - Enables the multiple button blocking circuitry.
• ‘0’ - The multiple touch circuitry is disabled. The device will not block multiple touches.
• ‘1’ (default) - The multiple touch circuitry is enabled. The device will flag the number of touches equal to pro-
grammed multiple touch threshold and block all others. It will remember which sensor inputs are valid and block all
others until that sensor pad has been released. Once a sensor pad has been released, the N detected touches
(determined via the sensing cycle order of CS1 - CS3) will be flagged and all others blocked.
Bits 3 - 2 - B_MULT_T[1:0] - Determines the number of simultaneous touches on all sensor pads before a Multiple Touch
Event is detected and sensor inputs are blocked. The bit decode is given by Table 5-27.
TABLE 5-25:
SIGNAL GUARD ENABLE REGISTER
Addr
R/W
Register
B7
B6
B5
B4B3B2B1
B0
Default
29h
R/W
Signal
Guard
Enable
--
-
-
-
CS3_
SG_EN
-
CS1_
SG_EN
00h
TABLE 5-26:
MULTIPLE TOUCH CONFIGURATION
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Ah
R/W
Multiple Touch
Config
MULT
_BLK_
EN
-
-
-
B_MULT_T[1:0]
-
-
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com