Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 33 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 33 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 29Page - Microchip Technology CAP1293 Datasheet HTML 30Page - Microchip Technology CAP1293 Datasheet HTML 31Page - Microchip Technology CAP1293 Datasheet HTML 32Page - Microchip Technology CAP1293 Datasheet HTML 33Page - Microchip Technology CAP1293 Datasheet HTML 34Page - Microchip Technology CAP1293 Datasheet HTML 35Page - Microchip Technology CAP1293 Datasheet HTML 36Page - Microchip Technology CAP1293 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001566B-page 33
CAP1293
5.9
Sensor Input Configuration 2 Register
Bits 3 - 0 - M_PRESS[3:0] - (default 0111b) - Determines the minimum amount of time that sensor inputs configured to
use auto repeat must detect a sensor pad touch to detect a “press and hold” event (see Section 4.9.2, "Capacitive Sen-
sor Input Interrupt Behavior"). If the sensor input detects a touch for longer than the M_PRESS[3:0] settings, a “press
and hold” event is detected. If a sensor input detects a touch for less than or equal to the M_PRESS[3:0] settings, a
touch event is detected.
The resolution is 35ms and the range is from 35ms to 560ms as shown in Table 5-17.
TABLE 5-16:
SENSOR INPUT CONFIGURATION 2 REGISTER
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
23h
R/W
Sensor Input
Configuration 2
-
-
-
-
M_PRESS[3:0]
07h
TABLE 5-17:
M_PRESS BIT DECODE
M_PRESS[3:0]
M_PRESS Settings
32
1
0
00
0
0
35ms
00
0
1
70ms
0
0
1
0
105ms
0
0
1
1
140ms
0
1
0
0
175ms
0
1
0
1
210ms
0
1
1
0
245ms
0
1
1
1
280ms (default)
1
0
0
0
315ms
1
0
0
1
350ms
1
0
1
0
385ms
1
0
1
1
420ms
1
1
0
0
455ms
1
1
0
1
490ms
1
1
1
0
525ms
1
1
1
1
560ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com