Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 18 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 18 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 14Page - Microchip Technology CAP1293 Datasheet HTML 15Page - Microchip Technology CAP1293 Datasheet HTML 16Page - Microchip Technology CAP1293 Datasheet HTML 17Page - Microchip Technology CAP1293 Datasheet HTML 18Page - Microchip Technology CAP1293 Datasheet HTML 19Page - Microchip Technology CAP1293 Datasheet HTML 20Page - Microchip Technology CAP1293 Datasheet HTML 21Page - Microchip Technology CAP1293 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
CAP1293
DS00001566B-page 18
 2013-2015 Microchip Technology Inc.
4.5.1
SIGNAL GUARD
The signal guard isolates the signal from virtual grounds, as shown in Figure 4-3. It can be used to isolate the proximity
antenna from nearby conductive surfaces that would otherwise attenuate the e-field.
4.6
Power Button
The CAP1293 has a “power button” feature. In general, buttons are set for quick response to a touch, especially when
buttons are used for number keypads. However, there are cases where a quick response is not desired, such as when
accidentally brushing the power button causes a device to turn off or on unexpectedly.
The power button feature allows a sensor input to be designated as the “power button” (see Section 5.26, "Power Button
Register"). The power button is configured so that a touch must be held on the button for a designated period of time
before an interrupt is generated; different times can be selected for the Standby and the Active states (see Section 5.27,
"Power Button Configuration Register"). The feature can also be enabled / disabled for both states separately.
APPLICATION NOTE: For the power button feature to work in the Standby and/or Active states, the sensor input
must be enabled in the applicable state. If the power button feature is enabled for both
Standby and Active and the COMBO bit is set, the Standby power button settings will be
used.
After the designated power button has been held for the designated time, an interrupt is generated and the PWR bit is
set in the General Status Register (see Section 5.2, "Status Registers").
4.7
Multiple Touch Pattern Detection
The multiple touch pattern (MTP) detection circuitry can be used to detect lid closure or other similar events. An event
can be flagged based on either a minimum number of sensor inputs or on specific sensor inputs simultaneously exceed-
ing an MTP threshold or having their Noise Flag Status Register bits set. An interrupt can also be generated. During an
MTP event, all touches are blocked (see Section 5.15, "Multiple Touch Pattern Configuration Register").
4.8
Noise Controls
4.8.1
LOW FREQUENCY NOISE DETECTION
Each sensor input has a low frequency noise detector that will sense if low frequency noise is injected onto the input
with sufficient power to corrupt the readings. By default, if this occurs, the device will reject the corrupted samplesee
DIS_ANA_NOISE bit in Section 5.6.1, "Configuration - 20h") and the corresponding bit is set to a logic ‘1’ in the Noise
Flag Status register (see SHOW_RF_NOISE bit in Section 5.6.2, "Configuration 2 - 44h").
4.8.2
RF NOISE DETECTION
Each sensor input contains an integrated RF noise detector. This block will detect injected RF noise on the CS pin. The
detector threshold is dependent upon the noise frequency. By default, if RF noise is detected on a CS line, that sample
is removed and not compared against the threshold (see DIS_RF_NOISE bit in Section 5.6.2, "Configuration 2 - 44h").
FIGURE 4-3:
SIGNAL GUARD
CAP129X Device
CS pin
SIGNAL_GUARD
CS pin
Touch Pad
Touch Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com