Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 28 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 28 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 24Page - Microchip Technology CAP1293 Datasheet HTML 25Page - Microchip Technology CAP1293 Datasheet HTML 26Page - Microchip Technology CAP1293 Datasheet HTML 27Page - Microchip Technology CAP1293 Datasheet HTML 28Page - Microchip Technology CAP1293 Datasheet HTML 29Page - Microchip Technology CAP1293 Datasheet HTML 30Page - Microchip Technology CAP1293 Datasheet HTML 31Page - Microchip Technology CAP1293 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
CAP1293
DS00001566B-page 28
 2013-2015 Microchip Technology Inc.
5.5
Sensitivity Control Register
The Sensitivity Control register controls the sensitivity of a touch detection.
Bits 6-4 DELTA_SENSE[2:0] - Controls the sensitivity of a touch detection for sensor inputs enabled in the Active state.
The sensitivity settings act to scale the relative delta count value higher or lower based on the system parameters. A
setting of 000b is the most sensitive while a setting of 111b is the least sensitive. At the more sensitive settings, touches
are detected for a smaller delta capacitance corresponding to a “lighter” touch. These settings are more sensitive to
noise, however, and a noisy environment may flag more false touches with higher sensitivity levels.
APPLICATION NOTE: A value of 128x is the most sensitive setting available. At the most sensitive settings, the
MSB of the Delta Count register represents 64 out of ~25,000 which corresponds to a touch
of approximately 0.25% of the base capacitance (or a
C of 25fF from a 10pF base
capacitance). Conversely, a value of 1x is the least sensitive setting available. At these
settings, the MSB of the Delta Count register corresponds to a delta count of 8192 counts
out of ~25,000 which corresponds to a touch of approximately 33% of the base capacitance
(or a
C of 3.33pF from a 10pF base capacitance).
Bits 3 - 0 - BASE_SHIFT[3:0] - Controls the scaling and data presentation of the Base Count registers. The higher the
value of these bits, the larger the range and the lower the resolution of the data presented. The scale factor represents
the multiplier to the bit-weighting presented in these register descriptions.
APPLICATION NOTE: The BASE_SHIFT[3:0] bits normally do not need to be updated. These settings will not affect
touch detection or sensitivity. These bits are sometimes helpful in analyzing the Cap Sensing
board performance and stability.
TABLE 5-8:
SENSITIVITY CONTROL REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
1Fh
R/W
Sensitivity Control
-
DELTA_SENSE[2:0]
BASE_SHIFT[3:0]
2Fh
TABLE 5-9:
DELTA_SENSE BIT DECODE
DELTA_SENSE[2:0]
Sensitivity Multiplier
210
0
0
0
128x (most sensitive)
001
64x
0
1
0
32x (default)
011
16x
100
8x
101
4x
110
2x
1
1
1
1x - (least sensitive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com