Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1293 Datasheet(PDF) 44 Page - Microchip Technology

Part # CAP1293
Description  3-Channel Capacitive Touch Sensor with Proximity
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1293 Datasheet(HTML) 44 Page - Microchip Technology

Back Button CAP1293 Datasheet HTML 40Page - Microchip Technology CAP1293 Datasheet HTML 41Page - Microchip Technology CAP1293 Datasheet HTML 42Page - Microchip Technology CAP1293 Datasheet HTML 43Page - Microchip Technology CAP1293 Datasheet HTML 44Page - Microchip Technology CAP1293 Datasheet HTML 45Page - Microchip Technology CAP1293 Datasheet HTML 46Page - Microchip Technology CAP1293 Datasheet HTML 47Page - Microchip Technology CAP1293 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
CAP1293
DS00001566B-page 44
 2013-2015 Microchip Technology Inc.
Bit 3 - 2 - STBY_SAMP_TIME[1:0] - Determines the time to take a single sample for sensor inputs enabled in Standby
as shown in Table 5-41.
Bits 1 - 0 - STBY_CY_TIME[2:0] - Determines the desired sensing cycle time for sensor inputs enabled during Standby,
as shown in Table 5-42. This control is also used to determine programmed cycle time in the Combo state (see Section
4.3.1.3, "Combo State Sensing Settings"). All enabled channels are sampled at the beginning of the sensing cycle. If
additional time is remaining, the device is placed into a lower power state for the remainder of the sensing cycle.
APPLICATION NOTE: The programmed sensing cycle time (STDBY_CY_TIME[1:0] is only maintained if the actual
time to take the samples is less than the programmed cycle time. The STBY_AVG[2:0] bits
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
TABLE 5-41:
STBY_SAMP_TIME BIT DECODE
STBY_SAMP_TIME[1:0]
Sampling Time
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
TABLE 5-42:
STBY_CY_TIME BIT DECODE
STBY_CY_TIME[1:0]
Programmed Sensing Cycle Time
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms
TABLE 5-40:
STBY_AVG BIT DECODE (CONTINUED)
STBY_AVG[2:0]
Number Of Samples Taken Per
Measurement
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com