Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 176 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 176 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 172Page - Texas Instruments TMS320DM814x Datasheet HTML 173Page - Texas Instruments TMS320DM814x Datasheet HTML 174Page - Texas Instruments TMS320DM814x Datasheet HTML 175Page - Texas Instruments TMS320DM814x Datasheet HTML 176Page - Texas Instruments TMS320DM814x Datasheet HTML 177Page - Texas Instruments TMS320DM814x Datasheet HTML 178Page - Texas Instruments TMS320DM814x Datasheet HTML 179Page - Texas Instruments TMS320DM814x Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
6
Device Operating Conditions
6.1
Absolute Maximum Ratings
(1) (2)
Core (CVDD, CVDD_ARM, CVDD_DSP, CVDD_HDVICP)
-0.3 V to 1.5 V
I/O, 1.8 V (DVDD_M, DVDD_DDR[0], DVDD_DDR[1], VDDA_1P8, VDDA_ARMPLL_1P8,
-0.3 V to 2.1 V
VDDA_DSPPLL_1P8, VDDA_VID0PLL_1P8, VDDA_VID1PLL_1P8,
VDDA_AUDIOPLL_1P8, VDDA_DDRPLL_1P8, VDDA_L3PLL_1P8, VDDA_PCIE_1P8,
Supply voltage ranges
VDDA_SATA_1P8, VDDA_HDMI_1P8, VDDA_USB0_1P8, VDDA_USB1_1P8,
(Steady State):
VDDA_VDAC_1P8)
I/O 3.3 V (DVDD, DVDD_GPMC, DVDD_GPMCB, DVDD_SD, DVDD_C)
-0.3 V to 4.0 V
DDR Reference Voltage (VREFSSTL_DDR[0], VREFSSTL_DDR[1])
-0.3 V to 1.1 V
V I/O, 1.5-V pins (Steady State)
-0.3 V to
DVDD_DDR[x] + 0.3
V
V I/O, 1.8-V pins (Steady State)
-0.3 V to DVDD +
0.3 V
Input and Output voltage
-0.3 V to DVDD_x +
ranges:
0.3 V
V I/O, 3.3-V pins (Steady State)
-0.3 V to DVDD +
0.3 V
-0.3 V to DVDD_x +
0.3 V
Commercial Temperature
0°C to 90°C
Operating junction
Industrial
-40°C to 90°C
temperature range, TJ:
Extended
-40°C to 105°C
Storage temperature
-55°C to 150°C
range, Tstg:
I-test: Silicon Revision 3.0, All I/O pins(3)
±100 mA
Latch-up Performance:
I-test: Silicon Revision 2.1, All I/O pins(3)
±70 mA
Over-Voltage Test, All Supply pins(4)
1.5xVddmax V
ESD-HBM (Human Body Model)(5)
±1000 V
Electrostatic Discharge
(ESD) Performance:
ESD-CDM (Charged-Device Model)(6)
±250 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to their associated VSS or VSSA_x.
(3)
Pins stressed per JEDEC JESD78 at 90°C (Class II) and passed with specified I/O pin injection current and clamp voltage of 1.5 times
maximum recommended I/O voltage and negative 0.5 times maximum recommended I/O voltage.
(4)
Supplies stressed per JEDEC JESD78 at 90°C (Class II) and passed specified voltage injection.
(5)
Level listed is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows safe
manufacturing with a standard ESD control process, and manufacturing with less than 500-V HBM is possible if necessary precautions
are taken. Pins listed as 1000 V may actually have higher performance.
(6)
Level listed is the passing level per EIA-JEDEC JESD22-C101E. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process, and manufacturing with less than 250-V CDM is possible if necessary precautions
are taken. Pins listed as 250 V may actually have higher performance.
176
Device Operating Conditions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com