Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 75Page - Texas Instruments TMS320DM814x Datasheet HTML 76Page - Texas Instruments TMS320DM814x Datasheet HTML 77Page - Texas Instruments TMS320DM814x Datasheet HTML 78Page - Texas Instruments TMS320DM814x Datasheet HTML 79Page - Texas Instruments TMS320DM814x Datasheet HTML 80Page - Texas Instruments TMS320DM814x Datasheet HTML 81Page - Texas Instruments TMS320DM814x Datasheet HTML 82Page - Texas Instruments TMS320DM814x Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-11. GP1 Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
GPMC, SD2
GPMC_CS[4]/
IPU
PINCNTL126
SD2_CMD/
P25
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 8
DSIS: PIN
GP1[8]
MC
MM: MUX0
General-Purpose Input/Output (I/O) 1 [GP1] pin 7
The ENLVCMOS bit in the MLBP_DAT_IO_CTRL register
should be set to 1 to enable GPIO LVCMOS mode. The
PINCNTL62
ENP bit in the MLBP_DAT_IO_CTRL register should also
IPD
GP1[7]
W1
I/O
DSIS: PIN
be set to 1 to enable the GPIO LVCMOS receiver. The
DVDD_M
MM: MUX1
internal Pullup/Pulldown is always disabled, regardless of
the state of the PULLUDEN bit in the PINCNTL62 register.
An external Pullup/Pulldown can be used to control the
floating state of this pin.
DEVOSC, SPI[1],
DEVOSC_WAKE/
TIMER5
SPI[1]_SCS[1]/
IPU
W6
I/O
PINCNTL7
General-Purpose Input/Output (I/O) 1 [GP1] pin 7
TIM5_IO/
DVDD_SD
DSIS: PIN
GP1[7]
MM: MUX0
SPI[0]_SCS[1]/
SD1_SDCD/
SPI[0], SD1, SATA,
SATA_ACT0_LED/
IPU
EDMA, TIMER4
AE5
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 6
EDMA_EVT1/
DVDD
PINCNTL80
TIM4_IO/
DSIS: PIN
GP1[6]
UART0_RIN/
UART0, UART3,
UART3_RTS/
IPU
UART1
AF4
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 5
UART1_RXD/
DVDD
PINCNTL77
GP1[5]
DSIS: PIN
UART0_DTR/
UART0, UART3,
UART3_CTS/
IPU
UART1
AG2
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 4
UART1_TXD/
DVDD
PINCNTL76
GP1[4]
DSIS: PIN
UART0_DSR/
UART3_TXD/
UART0, UART3,
SPI[0]_SCS[2]/
IPU
SPI[0], I2C[2], SD1
AG4
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 3
I2C[2]_SDA/
DVDD
PINCNTL75
SD1_SDWP/
DSIS: PIN
GP1[3]
UART0_DCD/
UART3_RXD/
UART0, UART3,
SPI[0]_SCS[3]/
IPU
SPI[0], I2C[2], SD1
AH4
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 2
I2C[2]_SCL/
DVDD
PINCNTL74
SD1_POW/
DSIS: PIN
GP1[2]
DCAN0_RX/
DCAN0, UART2,
UART2_RXD/
IPU
I2C[3]
AG6
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 1
I2C[3]_SCL/
DVDD
PINCNTL69
GP1[1]
DSIS: PIN
DCAN0_TX/
DCAN0, UART2,
UART2_TXD/
IPU
I2C[3]
AH6
I/O
General-Purpose Input/Output (I/O) 1 [GP1] pin 0
I2C[3]_SDA/
DVDD
PINCNTL68
GP1[0]
DSIS: PIN
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
79
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com